Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1534CSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1534CSTR
Description  400mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1534CSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1534CSTR Datasheet HTML 1Page - Semtech Corporation SC1534CSTR Datasheet HTML 2Page - Semtech Corporation SC1534CSTR Datasheet HTML 3Page - Semtech Corporation SC1534CSTR Datasheet HTML 4Page - Semtech Corporation SC1534CSTR Datasheet HTML 5Page - Semtech Corporation SC1534CSTR Datasheet HTML 6Page - Semtech Corporation SC1534CSTR Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM
SC1534
PRELIMINARY - July 26, 2000
5
TIMING DIAGRAM
NOTE:
(1) VIN rise and fall times (10% to 90%) to be
≤=100ns.
5V DETECT THRESHOLDS
NOTE:
(1) VIN rise and fall times (10% to 90%) to be
≥=100µs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com