Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1534CSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1534CSTR
Description  400mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1534CSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1534CSTR Datasheet HTML 1Page - Semtech Corporation SC1534CSTR Datasheet HTML 2Page - Semtech Corporation SC1534CSTR Datasheet HTML 3Page - Semtech Corporation SC1534CSTR Datasheet HTML 4Page - Semtech Corporation SC1534CSTR Datasheet HTML 5Page - Semtech Corporation SC1534CSTR Datasheet HTML 6Page - Semtech Corporation SC1534CSTR Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM
SC1534
PRELIMINARY - July 26, 2000
3
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = 400mA, CO = 10µF. Values in bold apply over full operating temperature range.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Units
VIN
Supply Voltage
VIN
VAUX = 0V
4.35
5.00
5.50
V
Quiescent Current
I
Q
VIN = 5V, VAUX = 0V, I
O = 0mA
8.0
11.0
mA
13.0
VIN = 5V, VAUX = 3.3V, I
O = 0mA
10.0
14.0
mA
15.0
Reverse Leakage From VAUX
I
VIN
VAUX = 3.6V, VIN = 0V, I
O = 0mA
-1.5
-3.0
mA
-4.0
VAUX
Supply Voltage
VAUX
3.0
3.3
3.6
V
Quiescent Current
I
Q(AUX)
VAUX = 3.3V, VIN = 0V, I
O = 0mA
8.0
11.0
mA
13.0
VAUX = 3.3V, VIN = 5V, I
O = 0mA
1.5
2.5
mA
3.0
Reverse Leakage From VIN
I
VAUX
VIN = 5.5V, VAUX = 0V, I
O = 0mA
-5.0
-50.0
µA
-100.0
5V Detect
(1)(2)(3)
Low Threshold Voltage
V
TH(LO)
VIN Falling, I
O = 20mA
3.92
4.05
4.18
V
3.90
4.20
Hysteresis
V
HYST
90
170
mV
80
High Threshold Voltage
V
TH(HI)
VIN Rising, I
O = 20mA
4.35
V
VO
LDO Output Voltage
VO
I
O = 20mA
3.267 3.300 3.333
V
4.35V
≤ VIN ≤ 5.5V, 0mA ≤ I
O ≤ 400mA
3.234
3.366
Output Current
I
O
400
mA
Line Regulation
REG
(LINE)
VIN = 4.35V to 5.5V
0.20
0.60
%
0.80
Load Regulation
REG
(LOAD)
I
O = 20mA to 400mA
0.20
0.80
%
1.00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com