Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1563 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1563
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1563 Datasheet HTML 1Page - Semtech Corporation SC1563 Datasheet HTML 2Page - Semtech Corporation SC1563 Datasheet HTML 3Page - Semtech Corporation SC1563 Datasheet HTML 4Page - Semtech Corporation SC1563 Datasheet HTML 5Page - Semtech Corporation SC1563 Datasheet HTML 6Page - Semtech Corporation SC1563 Datasheet HTML 7Page - Semtech Corporation SC1563 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
1
FEATURES
•= 450mV dropout @ 500mA
•= Designed to operate with ceramic capacitors
•= Adjustable output from 1.200V to 3.3V
•= Multiple output voltage options (all parts also
adjustable externally using resistors)
•= Over current and over temperature protection
•= Enable pin
•= 1µA quiescent current in shutdown
•= Low reverse leakage (output to input)
•= Full industrial temperature range
DESCRIPTION
The SC1563 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 500 milliamps. Since
it has superior dropout characteristics compared to
regular LDOs, it can be used to supply 2.5V on
motherboards or 2.8V on peripheral cards from the
3.3V supply with no heatsink. Additionally, the SC1563
has a shutdown pin, to further reduce power
dissipation while shut down. The SC1563 provides
excellent regulation over variations in line, load and
temperature.
The SC1563 is available as a five terminal fixed or
adjustable output voltage device with enable. The
device is available in a 5-pin SOT-23 package and an
8-pin MSOP package for higher power dissipation/
lower junction temperature.
APPLICATIONS
•= Battery powered systems
•= Motherboards
•= Peripheral cards
•= PCMCIA cards
DEVICE
(1)(2)(3)
PACKAGE
SC1563ISK-X.XTR
SOT-23-5L
SC1563IMS-X.XTR
MSOP-8
ORDERING INFORMATION
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 1.8V, 2.5V, 2.8V, 3.0V, 3.1V and 3.3V.
(2) Output voltage can be adjusted using external re-
sistors, see Pin Description.
(3) Only available in tape and reel packaging. A reel
contains 2500 devices (MSOP-8) or 3000 devices
(SOT-23-5L).
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
TYPICAL APPLICATION
Internally Preset Output Voltage
Externally Set Output Voltage
Volts
R2
R2)
(R1
1.200
VO
+
=
VIN
SHDN
VO (X.XV)
VIN
SHDN
VO
U1
SC1563ISK-X.X
1
2
3
4
5
SHDN GND
ADJ
VO
VIN
C1
C2
U1
SC1563ISK-X.X
1
2
3
4
5
SHDN GND
ADJ
VO
VIN
C1
C2
R1
R2


Similar Part No. - SC1563

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1563ISK-X.XTR SEMTECH-SC1563ISK-X.XTR Datasheet
187Kb / 10P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563ISK-X.XTRT SEMTECH-SC1563ISK-X.XTRT Datasheet
187Kb / 10P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
logo
Samtec, Inc
SC1563ISK3.0TRT SAMTEC-SC1563ISK3.0TRT Datasheet
191Kb / 10P
Very Low Dropout, Low Quiescent 500mA Regulator
SC1563ISK3.3TRT SAMTEC-SC1563ISK3.3TRT Datasheet
191Kb / 10P
Very Low Dropout, Low Quiescent 500mA Regulator
logo
Semtech Corporation
SC1563 SEMTECH-SC1563_06 Datasheet
187Kb / 10P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
More results

Similar Description - SC1563

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Semtech Corporation
SC1563 SEMTECH-SC1563_06 Datasheet
187Kb / 10P
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
500mA Low-Dropout Regulator
logo
Samtec, Inc
SC1563ISK3.0TRT SAMTEC-SC1563ISK3.0TRT Datasheet
191Kb / 10P
Very Low Dropout, Low Quiescent 500mA Regulator
SC1563ISK3.3TRT SAMTEC-SC1563ISK3.3TRT Datasheet
191Kb / 10P
Very Low Dropout, Low Quiescent 500mA Regulator
logo
Linear Dimensions Semic...
LT3021ES8PBF LINEAR_DIMENSIONS-LT3021ES8PBF Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Technology
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com