Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1563 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1563
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1563 Datasheet HTML 1Page - Semtech Corporation SC1563 Datasheet HTML 2Page - Semtech Corporation SC1563 Datasheet HTML 3Page - Semtech Corporation SC1563 Datasheet HTML 4Page - Semtech Corporation SC1563 Datasheet HTML 5Page - Semtech Corporation SC1563 Datasheet HTML 6Page - Semtech Corporation SC1563 Datasheet HTML 7Page - Semtech Corporation SC1563 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
4
PIN DESCRIPTION
Pin
Pin Number
Pin Function
Name
SOT-23-5L MSOP-8
ADJ
3
3
This pin, when grounded, sets the output voltage to that set by the internal feed-
back resistors. If external feedback resistors are used, the output voltage will be
(See Application Circuit):
GND
2
5-8
Reference ground. Connect all MSOP-8 GND pins. These pins may be used for
heatsinking purposes.
VIN
5
1
Input voltage. For regulation at full load, the input to this pin must be between (VO
+ 0.7V) to 5.5V. Minimum VIN = 2.2V.
VO
4
4
This pin is the power output of this device.
SHDN
1
2
Shutdown Input. Leaving this pin open turns the regulator off, reducing the quies-
cent current to a fraction of its operating value (typically <100nA). The device will
be enabled if this pin is pulled below 0.4V. Connect to GND if not being used.
Volts
R2
R2)
(R1
1.200
VO
+
=
BLOCK DIAGRAM
PIN CONFIGURATIONS
Top View
SOT-23-5L
Top View
MSOP-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com