Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1563 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1563
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1563 Datasheet HTML 1Page - Semtech Corporation SC1563 Datasheet HTML 2Page - Semtech Corporation SC1563 Datasheet HTML 3Page - Semtech Corporation SC1563 Datasheet HTML 4Page - Semtech Corporation SC1563 Datasheet HTML 5Page - Semtech Corporation SC1563 Datasheet HTML 6Page - Semtech Corporation SC1563 Datasheet HTML 7Page - Semtech Corporation SC1563 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
3
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Defined as the input to output differential at which the output voltage drops to 1% below the value measured at
a differential of 0.7V.
(3) Required to maintain regulation. Voltage set resistors R1 and R2 are usually utilized to meet this requirement.
Adjustable versions only.
(4) Guaranteed by design.
(5) When V
ADJ exceeds this threshold, the “Sense Select” switch disconnects the internal feedback chain from the
error amplifier and connects V
ADJ instead.
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified: V
SHDN = 0V
Adjustable Option (V
ADJ > VTH(ADJ)): VIN = 2.2 to 5.5V and IO = 10µA to 500mA
Fixed Options (V
ADJ = GND): VIN = (VO + 0.7V) to 5.5V and IO = 0A to 500mA
Values in bold apply over the full operating temperature range.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VO (Cont.)
Dropout Voltage
(2)
V
D
I
LOAD = 2mA
1
5
mV
10
I
LOAD = 100mA
75
100
mV
150
I
LOAD = 250mA
200
300
mV
400
I
LOAD = 500mA
450
550
mV
700
Minimum Load Current
(3)
I
O
V
IN = VO + 0.7V
1
10
µA
Current Limit
I
CL
0.50
1.00
A
ADJ
Reference Voltage
(1)
V
REF
V
IN = 2.2V, VADJ = VOUT, IO = 10mA
1.188
1.200
1.212
V
1.176
1.224
Adjust Pin Current
(4)
I
ADJ
V
ADJ = VREF
50
100
nA
Adjust Pin Threshold
(5)
V
TH(ADJ)
0.10
0.20
0.40
V
SHDN
Shutdown Pin Current
I
SHDN
V
SHDN = 0V, VIN = 3.3V
1
10
µA
Shutdown Pin Threshold
V
IH
V
IN = 3.3V
1.8
V
V
IL
V
IN = 3.3V
0.4
OVER TEMPERATURE PROTECTION
High Trip Level
T
HI
165
°C
Hysteresis
T
HYST
10
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com