Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1725G-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M1725G-S14-R
Description  16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1725G-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M1725G-S14-R Datasheet HTML 1Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 2Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 3Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 4Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 5Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 6Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 7Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 8Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M1725
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-427.A
PIN CONFIGURATIONS
4
3
2
1
11
12
13
14
LRCIN
DIN
BCKIN
NC
NC
FORMAT
SCKI
DM
7
6
5
8
9
10
CAP
VOUTR
GND
VCC
NC
VOUTL
PIN DESCRIPTION
PIN NO
PIN NAME
PIN TYPE
PIN DESCRIPTION
1
LRCIN
I
Left/Right Clock Input
2
DIN
I
Serial Audio Data Input
3
BCKIN
I
Bit Clock Input for Audio Data
4
NC
--
No Connection
5
CAP
I/O
Common Pin of Analog Output Amp
6
VOUTR
O
Right-Channel Analog Output
7
GND
I/O
Ground
8
VCC
I/O
Power Supply
9
VOUTL
O
Left-Channel Analog Output
10
NC
--
No Connection
11
NC
--
No Connection
12
DM
I
De-emphasis Control
High: De-emphasis OFF
Low: De-emphasis ON(44.1kHz)
13
FORMAT
I
Audio Data Format Select
High: I
2S Data Format
Low: Standard Data Format
14
SCKI
I
System Clock Input (256 fS or 384 fS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com