Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1725G-S14-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M1725G-S14-R
Description  16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1725G-S14-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button M1725G-S14-R Datasheet HTML 2Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 3Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 4Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 5Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 6Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 7Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 8Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 9Page - Unisonic Technologies M1725G-S14-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M1725
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-427.A
TIMING DIAGRAMS
1.4V
1.4V
1.4V
LRCKIN
BCKIN
DIN
tBCKH
tCY
tBCKL
tBL
tLB
tDH
tDS
tCY
BCKIN Pulse Cycle Time
100ns
tBCKH
BCKIN Pulse Width High
50ns
tBCKL
BCKIN Pulse Width Low
50ns
tBL
BCKIN Rising Edge to LRCIN Edge
30ns
tLB
LRCIN Edge to BCKIN Rising Edge
30ns
tDS
DIN Set Up Time
30ns
tDH
DIN Hold Time
30ns
Figure 1.Audio Data Input Timing
Figure 2.Normal Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com