Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1885L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1885L-S08-R
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1885L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1885L-S08-R Datasheet HTML 1Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 2Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 3Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 4Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 5Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 6Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 7Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 8Page - Unisonic Technologies P1885L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1885
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R103-041.B
PWM CONTROL 2A
STEP-DOWN CONVERTER
DESCRIPTION
UTC P1885 consists of 2A step-down switching regulator
control which includes a reference voltage source, oscillation
circuit, error amplifier, internal PMOS and etc with PWM.
UTC P1885 can provide low-ripple power, high efficiency, and
excellent transient characteristics and an enable function, an over
current protect function and a short circuit protect function are
built inside, so the operation frequency will be reduced from
300KHz to 30KHz when OCP or SCP happens. And the PWM
control circuit can vary the duty ratio linearly from 100 down to
0%. This converter also includes an error amplifier circuit as well
as a soft-start circuit that prevents overshoot at startup. Also, to
minimum external component count an internal compensation
block is built in.
These ICs can work as step-down switching regulators with the
addition of an internal P-channel Power MOS, a coil, capacitors,
and a diode connected externally. They provide such outstanding
features: low current consumption. It is also suitable for the
operation via an AC adapter because this converter can
accommodate an input voltage up to 23V.
FEATURES
* Soft-start, Current Limit, Enable function
* Thermal Shutdown function
* Built-in internal SW P-channel MOS
* Input voltage: 3.6V to 23V.
* Output voltage: 0.8V to VCC.
* Duty ratio: 0% to 100% PWM control
* Oscillation frequency: 300KHz typ.
SOP-8
Lead-free:
P1885L
Halogen-free: P1885G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
P1885-S08-R
P1885L-S08-R
P1885G-S08-R
SOP-8
Tape Reel


Similar Part No. - P1885L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
216Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886G-S08-R UTC-P1886G-S08-R Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886G-S08-R UTC-P1886G-S08-R Datasheet
216Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886G-SH2-R UTC-P1886G-SH2-R Datasheet
216Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P1885L-S08-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com