Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843B-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3843B-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843B-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3843B-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R103-012.D
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Total Power Supply and Zener Current
(ICC + Iz)
30
mA
Output Current, Source or Sink (note1)
Io
1.0
A
Output Energy (capacitive load per cycle)
W
5.0
μJ
Current Sense and Voltage Feedback Inputs
VIN
-0.3 ~ +5.5
V
Error Amp. Output Sink Current
IO(SINK)
10
mA
DIP-8
1250
mW
Power Dissipation
SOP-8
PD
702
mW
Operating Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
100
°C/W
Thermal Resistance Junction to Ambient
SOP-8
θJA
178
°C/W
ELECTRICAL CHARACTERISTICS
(0
°C ≤TA≤70°C, VCC=15V [note 2], RT=10k, CT=3.3nF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Output Voltage
VREF
Io=1.0mA, TJ =25°C
4.9
5.0
5.1
V
Line Regulation
ΔVLINE
VCC=12V ~ 25V
2.0
20
mV
Load Regulation
ΔVLOAD
Io=1.0mA ~ 20mA
3.0
25
mV
Temperature Stability
TS
0.2
mV/
°C
Total Output Variation
VREF
Line, Load, Temperature
4.82
5.18
V
Output Noise Voltage
eN
F=10kHz ~ 10Hz, TJ =25°C
50
uV
Long Term Stability
S
TA=125°C,1000Hrs
5
mV
Output Short Circuit Current
ISC
-30
-85
-180
mA
OSCILLATOR SECTION
Frequency
F
TJ =25°C
Ta=0°C ~ 70°C
TJ =25°C (RT=6.2k,CT=1.0nF)
49
48
225
52
250
55
56
275
kHz
Frequency Change with Voltage
ΔfOSC/ΔV 12 ≤ VCC ≤25V
0.2
1.0
%
Frequency Change with
Temperature
ΔfOSC/ΔT 0°C ≤TA ≤70°C
0.5
%
Oscillator Voltage Swing(Peak to
Peak)
VOSC
1.6
V
Discharge Current
Idischg
TJ =25°C
0
°C ≤TA ≤70°C
7.8
7.6
8.3
8.8
8.8
mA
ERROR AMPLIFIER SECTION
Voltage Feedback Input
VFB
Vo=2.5V
2.42
2.50
2.58
V
Input Bias Current
II(BIAS)
VFB=5.0V
-0.1
-2.0
μA
Open Loop Voltage Gain
GVO
2 ≤Vo≤4V
65
90
dB
Unity Gain Bandwidth
GBW
TJ =25°C
0.7
1.0
MHz
Power Supply Rejection Ratio
PSRR
I2V≤Vcc≤25V
60
70
dB
Output Sink Current
ISINK
Vo=1.1V,VFB =2.7V
2.0
12
mA
Output Source Current
ISOURCE
Vo=5.0V,VFB=2.3V
-0.5
-1.0
mA
Output Voltage Swing High State
VOH
VFB=2.3V, RL=15k to GND
5.0
6.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com