Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843B-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3843B-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843B-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3843B-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R103-012.D
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Swing Low State
VOL
VFB=2.7V, RL=15k to VREF
0.8
1.1
V
CURRENT SENSE SECTION
Current Sense Input Voltage Gain
GV
(Note 3,4)
2.85
3.0
3.15
V/V
Maximum Current Sense Input
Threshold
VI(THR)
(Note 3)
0.9
1.0
1.1
V
Power Supply Rejection Ratio
PSRR
12≤Vcc≤25V (Note 3)
70
dB
Input Bias Current
II(BIAS)
-2
-10
μA
Propagation Delay
tD(IN/OUT)
Current Sense Input to Output
150
300
ns
OUTPUT SECTION
ISINK=20mA
0.1
0.4
V
Output Low Voltage
VOL
ISINK=200mA
1.6
2.2
V
ISOURCE=20mA
13
13.5
V
Output High Voltage
VOH
ISOURCE=200mA
12
13.4
V
Output Voltage with UVLO
Activated
VOL (UVLO) VCC=6.0V,ISINK=1.0mA
0.1
1.1
V
Output Voltage Rise Time
tR
TJ =25°C,CL=1nF
50
150
ns
Output Voltage Fall Time
tF
TJ =25°C,CL=1nF
50
150
ns
UNDER-VOLTAGE LOCKOUT SECTION
UTC UC3842B
14.5
16
17.5
V
Startup Threshold
VTHR
UTC UC3843B
7.8
8.4
9
V
UTC UC3842B
8.5
10
11.5
V
Min. Operating Voltage After
Turn-on(Vcc)
VCC(MIN)
UTC UC3843B
7.0
7.6
8.2
V
PWM SECTION
MAX
94
96
%
Duty Cycle
MIN
DC
0
%
Total DEVICE
Power Startup Supply Current
ICC+IC
VCC=6.5V for UC3843B
VCC=14V for UC3842B
0.3
0.5
mA
Power Operating Supply Current
ICC+IC
Note2
12
17
mA
Power Supply Zener Voltage
VZ
ICC=25mA
30
36
V
1.
2.
3.
Maximum Package power dissipation limits must be observed.
Adject VCC above the Startup threshold before setting to 15V.
This parameter is measured at the latch trip point with VFB=0V.
ΔV Output Compensation
Note:
4. Comparator gain is defined as : GV ΔV Current Sense Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com