Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843B-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3843B-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843B-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3843B-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3843B-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R103-012.D
TYPICAL APPLICATION CIRCUIT
Open Loop Test Circuit
All of the parameters are not all tested in production, although been guaranteed. The timing and bypass capacitors
must be connected to pin 5 in a single point ground very closely. To sample the oscillator waveform, the transistor
and 5kΩ potentiometer are used, and also can apply an adjustable ramp to ISENSE pin.
1
2
3
4
8
7
6
5
UTC
UC3842B/3843B
COMP
VFB
ISENSE
RT/CT
GND
OUTPUT
VC
VREF
A
E/A
ADJUST
1K
4.7K
ISENSE
ADJUST
5K
4.7K
2N
2222
RT
100K
CT
0.1
0.1
OUTPUT
1K/1W
V1
VREF
Under Voltage Lockout
Under-Voltage Lock-Out: the output driver is biased to a high impedance state. To prevent activating the power
switch with output leakage current, pin 6 should be shunted to ground with a bleeder resistor.
Error Amp Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com