Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM607 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM607
Description  CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM607 Datasheet(HTML) 2 Page - Unisonic Technologies

  UM607 Datasheet HTML 1Page - Unisonic Technologies UM607 Datasheet HTML 2Page - Unisonic Technologies UM607 Datasheet HTML 3Page - Unisonic Technologies UM607 Datasheet HTML 4Page - Unisonic Technologies UM607 Datasheet HTML 5Page - Unisonic Technologies UM607 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UM607
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R105-037.B
MARKING INFORMATION
PACKAGE
A-CH REFERENCE VOLTAGE
CODE
MARKING
SOT-26
150mV
70mV
B
D
UM7 G
1 23
4
5
6
Reference Voltage
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
A-INPUT
Input Pin of the Current Control Loop
2
GND
Ground Line. 0V Reference For All Voltages
3
B+INPUT
Input Pin of the Voltage Control Loop
4
VCC
DC Supply Line
5
PC
Photo Coupler (P/C) Drive Pin. Sinking Current Only
6
A+INPUT
Input Pin of the Current Control Loop



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com