Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM607 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM607
Description  CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM607 Datasheet(HTML) 4 Page - Unisonic Technologies

  UM607 Datasheet HTML 1Page - Unisonic Technologies UM607 Datasheet HTML 2Page - Unisonic Technologies UM607 Datasheet HTML 3Page - Unisonic Technologies UM607 Datasheet HTML 4Page - Unisonic Technologies UM607 Datasheet HTML 5Page - Unisonic Technologies UM607 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM607
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R105-037.B
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
16
V
Power Dissipation (Note 2)
PD
500
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mount on a glass epoxy circuit board of 30x30mm Pad dimension of 50mm
2
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
2.2 ~ 14
V
ELECTRICAL CHARACTERISTICS (VCC = 5V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Current
ICC
IPC= off
0.6
1.0
mA
Leakage Current
IPC(LEAK)
V
+=VPC=14V
10
μA
Saturation Voltage
VPC(SAT)
IPC= 20 mA
500
700
mV
PC Terminal Current
IPC
20
40
70
mA
Output Voltage High
VOH
RL= 30KΩ
VCC-0.1
V
A CH : Current Control Loop
UM607B
144
150
156
Reference Voltage
VREF(A)
IPC= 2.5mA
UM607D
66.5
70
73.5
mV
Input Bias Current
IB(A)
20
50
μA
Transconduction Gain (Note 1)
GM(A)
1.5
8
mA/mV
B CH : Voltage Control Loop
Reference Voltage (Note 2)
VREF(B)
IPC= 1.5mA
1.227
1.240
1.253
V
Input Bias Current
IB(B)
50
500
nA
Transconduction Gain (Note 3)
GM(B)
1
3
mA/mV
Notes: 1. When the positive input at ICTRL is lower than -151mV, and the voltage is decreased by 1mV, the sinking
current at the output OUT will be increased by 8mA.
2. The internal voltage reference is set at 1.240V (bandgap reference). The voltage control loop precision
takes into account the cumulative effects of the internal voltage reference deviation as well as the input
offset voltage of the trans-conductance operational amplifier.
3. If the voltage on B +Input (the positive input of the amplifier) is higher than the negative amplifier input
(VREF(B) = 1.240V), and it is increased by 1mV, the sinking current at the output OUT will be increased by
3mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com