Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM607 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM607
Description  CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM607 Datasheet(HTML) 1 Page - Unisonic Technologies

  UM607 Datasheet HTML 1Page - Unisonic Technologies UM607 Datasheet HTML 2Page - Unisonic Technologies UM607 Datasheet HTML 3Page - Unisonic Technologies UM607 Datasheet HTML 4Page - Unisonic Technologies UM607 Datasheet HTML 5Page - Unisonic Technologies UM607 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM607
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R105-037.B
CC, CV CONTROL FOR
BATTERY CHARGER AND
ADAPTOR
DESCRIPTION
The UTC UM607 is a voltage and current control IC which has
precision voltage reference. These devices have been optimized for
battery charger, adapter, second controller of switching regulator
systems, and other battery systems.
FEATURES
* Constant Voltage Control (CV) and Constant Current Control (CC)
* Input voltage ranging from 2.2V to 14V
* 40mA photo coupler drive current typically
* 1mA maximum operating current
* Internal Precision Voltage Reference : 1.240V ± 1%
* Easy compensation and low external component count.
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM607xL-AG6-R
UM607xG-AG6-R
SOT-26
Tape Reel


Similar Part No. - UM607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM607 ETC1-UM607 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
Unisonic Technologies
UM607 UTC-UM607 Datasheet
146Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
UM607XG-AG6-R UTC-UM607XG-AG6-R Datasheet
180Kb / 6P
BATTERY CHARGER AND ADAPTOR
UM607 UTC-UM607_15 Datasheet
180Kb / 6P
BATTERY CHARGER AND ADAPTOR
UM607 UTC-UM607_17 Datasheet
146Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
More results

Similar Description - UM607

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
CC, CV Control for Battery Charger & Adaptor
SL71063 AUK-SL71063 Datasheet
188Kb / 6P
CC, CV Control for Battery Charger & Adaptor
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
CC, CV Control for Battery Charger & Adaptor
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
CC, CV Control for Battery Charger & Adaptor
SL71062 AUK-SL71062 Datasheet
188Kb / 6P
CC, CV Control for Battery Charger & Adaptor
logo
Unisonic Technologies
UM607 UTC-UM607_15 Datasheet
180Kb / 6P
BATTERY CHARGER AND ADAPTOR
UM607 UTC-UM607_17 Datasheet
146Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
CC, CV Control for Battery Charger & Adaptor
SL71062 KODENSHI-SL71062 Datasheet
84Kb / 6P
Control for Battery Charger & Adaptor
logo
Littelfuse
ACBC-120 LITTELFUSE-ACBC-120 Datasheet
340Kb / 2P
Alarm Controller and Battery Charger for pump control panels
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com