Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3176XG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3176XG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3176XG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US3176XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US3176XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3076-US3376
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-424.b
DUAL USB HIGH-SIDE POWER
SWITCH
DESCRIPTION
The UTC US3076-US3376 is an integrated dual channel for
USB high-side power switch. It particularly designed for self-powered
and bus-powered Universal Serial Bus (USB) applications.
The RDS(ON) of the MOSFET switch is as low as 87mΩ.
OC which
is
open-drain
output
report
over-current
or
over-temperature event, has deglitch timeout period typically 9ms.
The UTC US3076-US3376 incorporates some protection
circuits, such as
current limiting circuit with foldback function,
thermal shutdown circuit which is designed to prevent catastrophic
switch failure due to increasing power dissipation when continuous
heavy loads or short circuit occurs. A built-in charge pump is used to
drive the N-channel MOSFET that is free of parasitic body diode to
eliminate any reversed current flow across the switch when it is
powered off.
The UTC US3076-US3376 is applied in high-side power
protection switch, USB power management, USB host and
self-powered bubs, USB bus-powered hubs, hot plug-in power
supplies, and battery-charger circuits.
FEATURES
* Operating on the Range of 2.7V to 5.5V
* High-Side MOSFET with 87mΩ RDS(ON)
* Quiescent Supply Current: 65μA
* Available with 4 Versions of Current Limits with Foldback
* Rise Time: 400μS (TYP)
* UVLO (Under Voltage Lockout)
* Shutdown Supply Current: 1μA (MAX)
* Reverse Current is not Generated when in Power Off State
* Deglitched Open-Drain Over-Current Flag Output ( OC )
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
US3076XG-S08-R
SOP-8
Tape Reel
US3176XG-S08-R
SOP-8
Tape Reel
US3276XG-S08-R
SOP-8
Tape Reel
US3376XG-S08-R
SOP-8
Tape Reel


Similar Part No. - US3176XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3176HG-S08-R UTC-US3176HG-S08-R Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
US3176HG-SM1-R UTC-US3176HG-SM1-R Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
US3176LG-S08-R UTC-US3176LG-S08-R Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
US3176LG-SM1-R UTC-US3176LG-SM1-R Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results

Similar Description - US3176XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com