Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HC418 Datasheet(PDF) 13 Page - Semtech Corporation

Part # UR5HC418
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button UR5HC418 Datasheet HTML 6Page - Semtech Corporation UR5HC418 Datasheet HTML 7Page - Semtech Corporation UR5HC418 Datasheet HTML 8Page - Semtech Corporation UR5HC418 Datasheet HTML 9Page - Semtech Corporation UR5HC418 Datasheet HTML 10Page - Semtech Corporation UR5HC418 Datasheet HTML 11Page - Semtech Corporation UR5HC418 Datasheet HTML 12Page - Semtech Corporation UR5HC418 Datasheet HTML 13Page - Semtech Corporation UR5HC418 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
13
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Ratings
Symbol
Value
Unit
Supply Voltage
Vdd
-0.3 to +7.0
V
Input Voltage
Vin
Vss -0.3 to Vdd +0.3
V
Current Drain per Pin
I
25
mA
(not including Vss or Vdd)
Operating Temperature
TA
T low to T high
° C
UR5HC418-XX
-40 to +85
Storage Temperature Range
Tstg
-65 to +150
° C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
Tja
°C per W
Plastic DIP
60
Cerdip
-60
PLCC
70
DC Electrical Characteristics (Vdd=5.0 Vdc +/-10%, Vss=0 Vdc, Temperature range=T low to T high unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (I load<10µA)
Vol
0.1
V
Voh
Vdd–0.1
Output High Voltage (I load=0.8mA)
Voh
Vdd–0.8
V
Output Low Voltage (I load=1.6mA)
Vol
0.4
V
Input High Voltage
Vih
0.7xVdd
Vdd
V
Input Low Voltage
Vil
Vss
0.2xVdd
V
User Mode Current
Ipp
5
10
mA
Data Retention Mode
Vrm
2.0
V
Supply Current (Run)
Idd
4.7
7.0
mA
I/O Ports Hi-Z Leakage Current
Iil
+/-10
µA
Input Current
Iin
+/- 1
µA
I/O Port Capacitance
Cio
8
12
pF
Control Timing (Vdd=5.0 Vdc +/-10%, Vss=0 Vdc, Temperature range=T low to T high unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
fosc
MHz
Crystal Option
4.0
External Clock Option
dc
4.0
Crystal Oscillator Startup Time
fop
MHz
Crystal (fosc/2)
2.0
External Clock Option
dc
2.0
Cycle Time
tcyc
500
ns
Crystal Oscillator Startup Time
toxov
100
ms
Stop Recovery Startup Time
tiLCH
100
ms
Reset Pulse Width
tRL
8
tcyc
Interrupt Pulse Width Low
tLIH
125
ns
Interrupt Pulse Period
tiLIL
*
tcyc
OSC1Pulse Width
tOH
, TOL
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com