Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HC418 Datasheet(PDF) 2 Page - Semtech Corporation

Part # UR5HC418
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418 Datasheet(HTML) 2 Page - Semtech Corporation

  UR5HC418 Datasheet HTML 1Page - Semtech Corporation UR5HC418 Datasheet HTML 2Page - Semtech Corporation UR5HC418 Datasheet HTML 3Page - Semtech Corporation UR5HC418 Datasheet HTML 4Page - Semtech Corporation UR5HC418 Datasheet HTML 5Page - Semtech Corporation UR5HC418 Datasheet HTML 6Page - Semtech Corporation UR5HC418 Datasheet HTML 7Page - Semtech Corporation UR5HC418 Datasheet HTML 8Page - Semtech Corporation UR5HC418 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FUNCTIONAL DIAGRAM
ORDERING CODE
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
2
Package options
40-pin, Plastic DIP
44-pin, Plastic PLCC
44-pin, Plastic QFP
Pitch in mm’s
2.54
1.27
0.8
TA = -40°C to +85°C
UR5HC418-P
UR5HC418-FN
UR5HC418-FB
Data Buffer
Interrupt Control
PC
Communication
Channel
8042 Emulation
(External Keyboard)
Communication
Channel
EKC1
KC
KD
EKC
EKD
Keyboard Encoder
Mode Control
Status LEDs
Row Data Inputs
Column Select
Ouputs
NL/CL/SL
3
8
16
KT
DRV
16-Bit Timer
R0-R7
C0-C15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com