Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HC418 Datasheet(PDF) 3 Page - Semtech Corporation

Part # UR5HC418
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418 Datasheet(HTML) 3 Page - Semtech Corporation

  UR5HC418 Datasheet HTML 1Page - Semtech Corporation UR5HC418 Datasheet HTML 2Page - Semtech Corporation UR5HC418 Datasheet HTML 3Page - Semtech Corporation UR5HC418 Datasheet HTML 4Page - Semtech Corporation UR5HC418 Datasheet HTML 5Page - Semtech Corporation UR5HC418 Datasheet HTML 6Page - Semtech Corporation UR5HC418 Datasheet HTML 7Page - Semtech Corporation UR5HC418 Datasheet HTML 8Page - Semtech Corporation UR5HC418 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FUNCTIONAL DESCRIPTION
PIN DEFINITIONS
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
3
The DeskCoderTM consists
functionally of seven major sections
shown in the functional diagram on
the previous page: the keyboard
encoder, a 16-bit timer, the mode
control unit, the data buffer, the
interrupt control, the PC commun-
ication channel and the 8042
emulation channel. All sections
communicate with each other and
operate concurrently.
Mnemonic
DIP PLCC
QFP
Type Name and Function
VCC
40
44
38
I
Power Supply: +5V
VSS (GND)
20
22
17
I
Ground
OSCI
39
43
37
I
Oscillator input
OSCO
38
42
36
O
Oscillator output
_RESET
1
1
41
I
Reset: apply 0V to provide orderly start-up
EKC1
37
41
35
I
External Keyboard Clock 1:connects
to external keyboard clock line and is used
to generate an interrupt for every clock line
transmission
VX
3
4
43
I
Tie to VCC
VXA
3
I
Tie to VCC
RP
6
7
2
I
Tie to VCC
KC
8
9
4
I/O
Keyboard Clock: connects to
PC keyboard port clock data line
KD
7
8
3
I/O
Keyboard Data: connects to PC port
data line
EKD
10
11
6
I/O
External Keyboard Data: connect to
external keyboard data line
EKC
9
10
5
I/O
External Keyboard Clock: connects
to external keyboard clock line
_IRQ
2
2
42
I/O
Interrupt Line: reserved for low power
applications
R0-R5
29-34
32-37
27-32
I
Row Data Inputs
R6
5
6
1
I
R7
36
39
34
I
R7A
40
I
C0-C4
12-16
13-17
8-12
O
Column Select Outputs: select one of
C5-C7
17-19
19-21
13-15
O
16 columns
C8-C15
28-21
31-24
26-23
O
21-18
O
C4A
18
O
CL
11
12
7
O
Caps Lock LED
NL
4
5
44
O
Num Lock LED
SL
35
38
33
O
Scroll Lock LED
NC
23
39-40
No Connects: these pins are unused
16, 22
Note: An underscore before a pin mnemonic denotes an active low signal.
The controller continuously scans a
keyboard organized as an 8 row by
16 column matrix for a maximum of
128 keys. Smaller-size keyboards
are supported provided that all
unused row lines are pulled to Vcc.
The controller selects one of the 16
column lines (C0-C15) every 512
microseconds and then reads the
row data lines (R0-R7). A key
closure is detected as a zero in the
corresponding position of the
matrix.
A complete scan cycle for the entire
keyboard takes approximately 9.2
mS. Each key found pressed is
debounced for a period of 20 mS.
Once the key is verified, the
corresponding key code(s) are
loaded into the transmit buffer of the
PC communication channel.
Status LED indicators
The controller provides an interface
for three LED shift status indicators.
All three pins are active low to
indicate the status of the host
system (Num Lock, Caps Lock and
Scroll Lock) and are set by the
system.
Scan Code Table Sets
The UR5HC418 supports all three scan code table sets. Scan code table
set 3 allows the user to program individual key attributes such as
make/break and Typematic or single-touch action. For more information,
refer to the IBM Technical Reference Manuals. Custom scan code tables,
including macros, are also available.
Switch Matrix Encoding
Each matrix location is programmed to represent either a single key or a
key combination of the IBM 101/102/104 standard keyboard.
KEYBOARD ENCODER
KEYBOARD ENCODER, (CON’T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com