Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4100 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL4100
Description  Side View and Thin Flat Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL4100 Datasheet(HTML) 1 Page - Sharp Corporation

  GL4100 Datasheet HTML 1Page - Sharp Corporation GL4100 Datasheet HTML 2Page - Sharp Corporation GL4100 Datasheet HTML 3Page - Sharp Corporation GL4100 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
IF
50
mA
I FM
A
VR
V
PmW
Topr
˚C
Tstg
˚C
Tsol
260
˚C
1
6
75
3.0
2.8
1.8
0.7
0.7
0.15
(1.7)
2 - C0.5
(2.54)
2
1
2
1
0.1MAX.
2 - 0.45
+ 0.3
- 0.1
2 - 4
+ 0.3
- 0.1
Features
Applications
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
Reverse voltage
Power dissipation
Operating temperatur
Storage temperature
Soldering temperature
*1
*2
-25 to + 85
-40 to + 85
Outline Dimensions
(Unit : mm)
Rugged resin 0.2 MAX.
Detector center
Pale red transparent
epoxy resin
1 Anode
2 Cathode
* ( ) : Reference dimensions
* Tolerance : ± 0.2 mm
Soldering area
Absolute Maximum Ratings
GL4100
GL4100
Side View and Thin Flat Type
Infrared Emitting Diode
* 1 Pulse width <=100
µ s, Duty ratio=0.01
* 2 For 5 seconds at the position of 1.4 mm from the resin edge
1. Compact flat package
2. Wide beam angle
(Half intensity angle : ± 90˚ )
1. Mouses
2. Track balls
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - GL4100

ManufacturerPart #DatasheetDescription
logo
Seme LAB
GL41-40-E3/97 SEME-LAB-GL41-40-E3/97 Datasheet
82Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
General Semiconductor
GL41A GE-GL41A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41A FCI-GL41A Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41A BILIN-GL41A Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GL41A VISHAY-GL41A Datasheet
112Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
07-Apr-08
More results

Similar Description - GL4100

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-20ST ROHM-SIM-20ST Datasheet
54Kb / 3P
Infrared light emitting diode, side-view type
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
logo
Sharp Corporation
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
PT4110 SHARP-PT4110 Datasheet
52Kb / 4P
Side View and Thin Flat Type Phototransistors
PT4120 SHARP-PT4120 Datasheet
49Kb / 4P
Side View and Thin Flat Type 2-Phase Output Phototransistor
logo
Rohm
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
Infrared light emitting diode, top view type
SIM-22ST ROHM-SIM-22ST_10 Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com