Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4100 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL4100
Description  Side View and Thin Flat Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL4100 Datasheet(HTML) 3 Page - Sharp Corporation

  GL4100 Datasheet HTML 1Page - Sharp Corporation GL4100 Datasheet HTML 2Page - Sharp Corporation GL4100 Datasheet HTML 3Page - Sharp Corporation GL4100 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
880
920
960
20
0
40
60
80
100
0
255075
100
975
950
925
900
0
255075
100
1
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
25˚C
0˚C
20˚C
50˚C
900
940
980
0.2
0.5
2
5
10
20
3.5
I F = const.
500
200
100
50
20
10
5
2
1
IF = 5mA
Ta= 25˚C
Ta= 75˚C
-25
-25
1000
1000 1020 1040
IF =
const.
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 5 Forward Current vs. Forward Voltage
Fig. 6 Relative Radiant Flux vs. Ambient
Temperature
Wavelength
λ (nm)
Ambient temperature T a (˚C)
Forward voltage V F (V)
Ambient temperature Ta (˚C)
10
1
0.1
100
10
1
0.01
0.02
0.05
0.2
0.5
2
5
DC
Ta = 25˚C
1000
Fig. 7 Radiant Flux vs. Forward Current
Fig. 8 Relative Radiant Intensity vs. Distance
Forward current IF (mA)
Distance to detector d (mm)
Pulse
(pulse width
<=100
µs)
GL4100
1
10
100
1
10
100
0.1
0.1
Ta = 25˚C
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com