Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4100 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL4100
Description  Side View and Thin Flat Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL4100 Datasheet(HTML) 2 Page - Sharp Corporation

  GL4100 Datasheet HTML 1Page - Sharp Corporation GL4100 Datasheet HTML 2Page - Sharp Corporation GL4100 Datasheet HTML 3Page - Sharp Corporation GL4100 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V F
V FM
IR
Φ e
λ p
Ct
fc
θ
IF = 20mA
IFM = 0.5A
V R =3V
IF = 20mA
IF = 5mA
IF = 5mA
VR = 0, f = 1MH Z
IF = 20mA
(Ta=25 ˚C )
-
1.2
1.4
V
-
4.0
V
--
10
µ A
-mW
-
950
-
nm
-45
-
nm
-50
-
-
300
-
Z
-± 90
-
˚
1
10
100
0
10
20
30
50
60
- 25
0
25
50
75
100
85
40
kH
1.0
2.0
3.0
Ta= 25˚C
10 -4
10 -3
10 -2
10 -1
1000
1
pF
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reverse current
Radiant flux
Peak emission wavelength
Half intensity wavelength
Terminal capacitance
Response frequency
Half intensity angle
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
Ambient temperature Ta (˚C )
Duty ratio
Pulse width <=100
µs
GL4100
Forward voltage
Peak forward voltage
-
∆λ
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com