Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL496 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL496
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL496 Datasheet(HTML) 2 Page - Sharp Corporation

  GL496 Datasheet HTML 1Page - Sharp Corporation GL496 Datasheet HTML 2Page - Sharp Corporation GL496 Datasheet HTML 3Page - Sharp Corporation GL496 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V F
IF = 50mA
IR
V R =3V
λ p
Φ
IF = 50mA
IF = 50mA
IF = 50mA
IF = 50mA
-V
--
10
µ A
-
mW
880
nm
--
nm
--
--
--
- 40
- 20
0
20
40
60
80
100
0
25
85
10
50
100
500
(Ta=25 ˚C)
5000
1000
1
10 -4
10 -3
10 -2
10 -1
T a = 25˚C
-
VFM
IFM = 0.5A
V
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
Radiant flux
Peak emission wavelength
Half intensity wavelength
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
Ambient temperature T a (˚C)
Duty ratio
Pulse width <=100
µs
GL496
Radiant intensity
Terminal capacitance
Response frequency
Half intensity angle
*3
*4
Ct
fc
θ
IF = 50mA
IF
VR = 0V,f = 1MHz
= 50mA + 10mAp-p
3.0
-
1.55
2.6
12
50
60
40
±22
1.75
3.6
-
mW/sr
pF
MHz
˚
850
10.0
900
*4 Frequency to bring about -3dB reduction of modulated radiant intensity from 100kHz
Reverse current
IE
E
60
50
40
30
20
10
Peak forward voltage
*3 Value obtained by converting the value in power of radiant fluxes emitted at the solid angle of 0.01 sr (steradian) in the direction of mechanical axis of the lens portion
into 1 sr or all those emitted from the light emitting diode.
∆λ
∆
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com