Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL496 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL496
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL496 Datasheet(HTML) 3 Page - Sharp Corporation

  GL496 Datasheet HTML 1Page - Sharp Corporation GL496 Datasheet HTML 2Page - Sharp Corporation GL496 Datasheet HTML 3Page - Sharp Corporation GL496 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 5 Forward Current vs. Forward Voltage
Fig. 6 Relative Radiant Flux vs. Ambient
Temperature
Wavelength
λ (nm)
Ambient temperature T a (˚C)
Forward voltage VF (V)
Fig. 8 Relative Radiant Intensity vs. Distance
Forward current I F (mA)
GL496
Fig. 7 Radiant Intensity vs. Forward Current
Distance to detector (mm)
100
10
1
0.1
0.1
1
10
100
Ta=25˚C
1
10
100
1000
0.1
1
10
100
1000
DC
Pulse
(pulse width <=100
µs)
Ta=25˚C
Ambient temperature T a (˚C)
- 25
0
25
50
75
85
0.1
1
10
IF=const
0
0.5
1
1.5
2
2.5
1
10
100
1000
Ta=75˚C
25˚C
-25˚C
50˚C
0˚C
- 25
0
25
50
75
85
830
855
880
905
930
IF=const
720
760
800
840
880
920
960
1000
1040
0
20
40
60
80
100
I F =50mA
Ta=25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com