Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL496 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL496
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL496 Datasheet(HTML) 1 Page - Sharp Corporation

  GL496 Datasheet HTML 1Page - Sharp Corporation GL496 Datasheet HTML 2Page - Sharp Corporation GL496 Datasheet HTML 3Page - Sharp Corporation GL496 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
IF
mA
I FM
A
VR
4V
PmW
Topr
˚C
Tstg
˚C
Tsol
260
˚C
High Speed Infrared Emitting Diode
Features
Applications
Outline Dimensions
(Unit : mm)
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
*1
*2
*1 Pulse width 100
µ s, Duty ratio=0.01
GL496
GL496
50
87.5
-25 to + 85
-40 to + 90
*2 For MAX. 5 seconds at the position of 1.4 mm from the resin edge
1. High speed response (response frequency : 40MHz)
4. Lead bending type may be used.
1. AV equipment
2. Personal computers
3. Portable information terminal equipment
2. Peak emission wavelength
λ p : TYP. 880 mm
0.5
3. Half intensity angle
∆θ : ± 22˚
3.0
2-C0.5
R-1.25
(1.7)
0.45
(2.54)
1 Anode
2 Cathode
0.4
1.15
Transparent epoxy resin
1
2
1
2
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - GL496

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4910 SHARP-GL4910 Datasheet
43Kb / 4P
Side View Type Infrared Emitting Diode for Camera AF (Automatic Focusing)
logo
Hynix Semiconductor
GL494 HYNIX-GL494 Datasheet
94Kb / 7P
PWM CONTROL CIRCUIT
More results

Similar Description - GL496

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL550 SHARP-GL550 Datasheet
38Kb / 4P
High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMF9700-GS08 VISHAY-VSMF9700-GS08 Datasheet
139Kb / 6P
High Speed Infrared Emitting Diode, 890 nm
03-Nov-09
TSHF6410 VISHAY-TSHF6410_11 Datasheet
115Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
High Speed Infrared Emitting Diode
03-Sep-13
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
VSMY3850 VISHAY-VSMY3850_13 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com