Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  ACTIVE BIAS CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC772LC4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 14Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 15Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 11
13
Application Notes
Detailed Description
The HMC981 is a fully-integrated Active Bias Controller (ABC) that automatically adjusts the gate voltage of amplifiers
operating in the Class-A regime. With an internal feedback the automatic gate voltage control achieves constant
quiescent bias through the amplifier under bias, independent of temperature and amplifier threshold variations. The
quiescent current is adjusted with a resistor connected externally. The HMC981 employs an integrated control circuitry
to achieve safe power-up and power-down sequencing of the targeted amplifier. The HMC981 can provide auto-bias
solution virtually any amplifier in the market (both enhancement and depletion type) with a quiescent current of up to
200 mA and a supply voltage of up to 12V.
The HMC981 has an integrated negative voltage generator to synthesize negative voltages required to drive depletion
mode amplifiers. If an external negative supply is already available or an enhancement mode device is targeted, the
negative voltage generator can be disabled.
The HMC981 achieves excellent bias stability over supply and temperature variations with low supply voltage down
to 4V. The gate control can both sink and source current (±0.8 mA) to achieve constant bias current over input power
variations applied to the amplifier. The HMC981 also generates a second gate voltage (VG2). VG2 can be adjusted
through a resistor divider connected to VDD for amplifiers which require second gate voltage.
The HMC981 ensures the protection of the external amplifier during turn on/off by adjusting the sequence of VDRAIN,
VGATE and VG2 outputs. HMC981 controls the bias current of the amplifier under bias with the gate control driver. The
current passing through the amplifier is continuously sampled and is used to control the VGATE voltage connected to
the gate of the amplifier.
The HMC981 employs a SW pad to control RDS_ON resistance of the internal switch between VDD and VDRAIN.
Refer to the section under the “Supply and Drain Voltage” section for details.
The HMC981 has a built-in short circuit protection feature to protect both itself and the amplifier under bias against
short circuit conditions at the VDRAIN output. Refer to the section under the “Short Circuit Protection” section for
details.
Digital Power Supply (VDIG)
The HMC981 requires an external low voltage bias rail (3.3V to 5.0V). VDIG powers the internal logic circuitry. VDIG
draws an average of 3 mA from a 3.3V. VDIG can accept voltages up to 5.0V.
Supply and Drain Voltage (VDD and VDRAIN)
The VDD supply to the HMC981 is directly connected to the VDRAIN output through an internal MOSFET switch.
This internal MOSFET is controlled through power-up sequencing which ensures that no voltage is applied to drain
of the external amplifier until the gate voltage is pulled down to VNEG(ensuring external amplifier is pinched-off). The
VDRAIN output of the HMC981 should be connected to the drain (collector) of the amplifier under bias for the active
bias control feedback and power-up/down sequencing to work.
HMC981
v00.0611
ACTIVE BIAS CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com