Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 16 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  ACTIVE BIAS CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 16 Page - Hittite Microwave Corporation

Back Button HMC772LC4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 14Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 15Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 16Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 17Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 18Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 16
13
HMC981
v00.0611
ACTIVE BIAS CONTROLLER
Figure 2c. Enhancement Mode Amplifier Typical Application Circuit (Mode 3)
Table 3 - List of Bias Settings for Various Hittite Amplifiers
Hittite Part Number
VDRAIN (V)
VDD (V)
IDRAIN (mA)
RSENSE (kOhm)
R2 (kOhm)
R1 (kOhm)
VG2 (V)
LNAs
HMC-ALH140
4
4.60
60
0.53
open
open
-
HMC-ALH216
4
4.45
90
0.36
open
open
-
HMC-ALH244
4
4.45
45
0.71
open
open
-
HMC-ALH310[1]
2.5
3.02 [1]
52
0.62
open
open
-
HMC-ALH311[1]
2.5
3.04 [1]
54
0.59
open
open
-
HMC-ALH313[1]
2.5
3.02 [1]
52
0.62
open
open
-
HMC-ALH382[1]
2.5
3.14 [1]
64
0.50
open
open
-
HMC-ALH435
5
5.30
30
1.07
5.60
5
1.5
HMC-ALH444
5
5.55
55
0.58
5.09
5
1.5
HMC-ALH476
4
4.45
90
0.36
open
open
-
HMC490
5
6.00
200
0.16
open
open
-
HMC490LP5
5
6.00
200
0.16
open
open
-
HMC504LC4B
4
4.45
90
0.36
open
open
-
HMC594
6
6.50
100
0.32
open
open
-
HMC594LC3B
6
6.50
100
0.32
open
open
-
HMC609
6
6.85
170
0.19
open
open
-
HMC609LC4
6
6.85
170
0.19
open
open
-
HMC752LC4[1]
3
3.70 [1]
70
0.46
open
open
-
HMC753LP4E
5
5.55
55
0.58
5.09
5
1.5
HMC772LC4
4
4.45
45
0.71
open
open
-
Linear & Power
HMC-ABH209
5
5.80
80
0.40
open
open
-
HMC-ABH264
5
5.60
120
0.27
open
open
-
HMC-AUH317
4
4.80
160
0.20
open
open
-
[1] For applications below 4V supply please contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com