Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  ACTIVE BIAS CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC772LC4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 14Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 15Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 16Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 12
13
There will be a voltage drop from VDD to VDRAIN due to finite RDS_ON resistance of the internal switch. To
compensate for this voltage drop choose the VDD value as shown in equation (1).
VDD = VDRAIN + IDRAIN x RDS_ON
(1)
where VDRAIN is the supply voltage of the external amplifier and IDRAIN is the desired constant bias current through
the external amplifier.
Note that RDS_ON resistance of the internal FET switch can be adjusted through SW pad. RDS_ON is typically equal
to 5 Ohms when SW is pulled up to VDIG, and is typically equal to 10 Ohms when SW is pulled down to GND. If SW
is left floating, it is pulled up to VDIG through an internal weak pull-up. Recommended settings for the SW position
are given in Table-1. Not using the HMC981 in the recommended settings will increase the power dissipation of the
part and may increase the part-to-part variation.
Negative Voltage Generator (VNEGOUT)
The HMC981 has an internally regulated charge pump block to generate negative voltage (VNEGOUT) required for
depletion mode devices. The HMC981 generates -2.5V at the VNEGOUT output in default configuration. It requires
two diodes and two capacitors connected externally as shown in the sample application schematics. The HMC981 is
designed to reject the ripple on the VNEGOUT by isolating VNEGOUT from the VGATE. The negative voltage is only
required for depletion mode devices, and it can be disabled through the VGATEFB and VNEGFB pads. Where an
enhancement device is targeted or a negative supply is already available in the system, simply connect the available
negative supply to the VNEG pad. See Table-2 for detail on how to set this operation mode.
HMC981
v00.0611
ACTIVE BIAS CONTROLLER
Table 1. Recommended Current Range Configuration
Current Range (mA)
Condition
RDS_ON (Ohm)
20 to 80
SW=GND
10
80 to 200
SW=VDIG
5
Enable/Disable (EN)
The active bias control loop is enabled when EN is pulled up to VDIG, and it is disabled when it is pulled down to GND.
If EN is left floating HMC981 is enabled through an internal weak pull-up. Note that VNEG operation is independent
of EN condition. EN signal controls the operation of only VGATE, VG2 and VDRAIN outputs. When EN pulled down
to GND, the HMC981 discharges VDRAIN and VG2 down to GND and it pulls the VGATE down to VNEG. Please see
the “Active Bias Control Loop” section for detailed explanation.
Active Bias Control Loop
The HMC981 regulates the bias current (IDRAIN) of the amplifier under bias through VGATE output connected to
the gate of the external amplifier. In this closed loop operation the current passing through the amplifier under bias is
sampled and is used to adjust VGATE to achieve constant quiescent bias through the external amplifier.
The HMC981 continuously compensates for any supply, temperature, process variations and threshold drifts due to
aging. The part-to-part, temperature, and supply variation of the HMC981 is excellent. Thus, by using an accurate
sense resistor connected to the ISENSE pad, expensive calibration procedures in high volume production could be
avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com