Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G11FW4-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G11FW4-7
Description  SINGLE 3 INPUT POSITIVE AND GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G11FW4-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G11FW4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVC1G11
SINGLE 3 INPUT POSITIVE AND GATE
74LVC1G11
Document number: DS35122 Rev. 3 - 2
5 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Electrical Characteristics
TA = -40°C to 125°C
(All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
VOH
High Level Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65V
0.95
IOH = -8mA
2.3V
1.7
IOH = -16mA
3V
1.9
IOH = -24mA
2.0
IOH = -32mA
4.5V
3.4
VOL
High-level Input Voltage
IOL = 100μA
1.65V to 5.5V
0.1
V
IOL = 4mA
1.65V
0.70
IOL = 8mA
2.3V
0.45
IOL = 16mA
3V
0.60
IOL = 24mA
0.80
IOL = 32mA
4.5V
0.80
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 20
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 20
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
40
μA
ΔICC
Additional Supply
Current
Input at VCC –0.6 V
3V to 5.5V
5000
μA
Package Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
CI
Input Capacitance
VI = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT26
(Note 4)
204
oC/W
SOT363
371
DFN1410
430
DFN1010
510
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
52
oC/W
SOT363
143
DFN1410
190
DFN1010
250
Notes:
4. Test condition for SOT26, SOT363, DFN1410 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com