Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G11FW4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G11FW4-7
Description  SINGLE 3 INPUT POSITIVE AND GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G11FW4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G11FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LVC1G11
SINGLE 3 INPUT POSITIVE AND GATE
74LVC1G11
Document number: DS35122 Rev. 3 - 2
6 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Switching Characteristics
TA=-40 °C to 85 °C, CL = 15pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
15.2
0.7
5.6
0.7
4.1
0.7
3.1
ns
TA=-40 °C to 85 °C, CL = 30 or 50pF (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
17.2
0.7
6.2
0.7
4.9
0.7
3.5
ns
TA=-40 °C to 125 °C, CL = 15 pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
18.3
0.7
6.7
0.7
4.9
0.7
3.7
ns
TA=-40 °C to 125 °C, CL = 30 or 50pF (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
Any
Y
1.0
20.7
0.7
7.5
0.7
5.9
0.7
4.2
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
17
18
19
22
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com