Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G11FW4-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G11FW4-7
Description  SINGLE 3 INPUT POSITIVE AND GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G11FW4-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G11FW4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G11FW4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74LVC1G11
SINGLE 3 INPUT POSITIVE AND GATE
74LVC1G11
Document number: DS35122 Rev. 3 - 2
1 of 13
www.diodes.com
July 2011
© Diodes Incorporated
Description
The 74LVC1G11 is a single 3-input positive AND gate with a
standard push-pull output.
The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in
a mixed voltage environment. The device is fully specified
for partial power down applications using IOFF. The IOFF
circuitry disables the output preventing damaging current
backflow when the device is powered down.
The gate performs the positive Boolean function:
C
B
A
Y
•
•
=
or
C
B
A
Y
+
+
=
Pin Assignments
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Exceeds JESD 22
o
200-V Machine Model (A115-A)
o
2000-V Human Body Model (A114-A)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
SOT26, SOT363, DFN140, and DFN1010: Available in
“Green” Molding Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74LVC1G11FW4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G11FW4 DIODES-74LVC1G11FW4 Datasheet
256Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
More results

Similar Description - 74LVC1G11FW4-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G11 TI-SN74LVC1G11 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_07 Datasheet
392Kb / 13P
SINGLE 3-INPUT POSITIVE-AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11 TI-SN74LVC1G11_10 Datasheet
614Kb / 14P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11 DIODES-74LVC1G11 Datasheet
256Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
DS35122 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11 TI1-SN74LVC1G11_15 Datasheet
1Mb / 30P
Single 3-Input Positive-AND Gate
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com