Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP6502
Description  340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP6502 Datasheet HTML 4Page - Diodes Incorporated AP6502 Datasheet HTML 5Page - Diodes Incorporated AP6502 Datasheet HTML 6Page - Diodes Incorporated AP6502 Datasheet HTML 7Page - Diodes Incorporated AP6502 Datasheet HTML 8Page - Diodes Incorporated AP6502 Datasheet HTML 9Page - Diodes Incorporated AP6502 Datasheet HTML 10Page - Diodes Incorporated AP6502 Datasheet HTML 11Page - Diodes Incorporated AP6502 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP6502
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6502
Document Number: DS35423 Rev. 2 - 2
10 of 12
www.diodes.com
September 2011
© Diodes Incorporated
Applications Information (cont.)
Thermal Shutdown
The AP6502 has on-chip thermal protection that prevents
damage to the IC when the die temperature exceeds safe
margins. It implements a thermal sensing to monitor the
operating junction temperature of the IC. Once the die
temperature rises to approximately 150°C, the thermal
protection feature gets activated .The internal thermal
sense circuitry turns the IC off thus preventing the power
switch from damage.
A hysteresis in the thermal sense circuit allows the device
to cool down to approximately 120°C before the IC is
enabled again through soft start. This thermal hysteresis
feature prevents undesirable oscillations of the thermal
protection circuit.
Setting the Output Voltage
The output voltage can be adjusted from 0.925V to 18V
using an external resistor divider. Table 1 shows a list of
resistor selection for common output voltages. Resistor
R1 is selected based on a design tradeoff between
efficiency and output voltage accuracy. For high values of
R1 there is less current consumption in the feedback
network. However the trade off is output voltage accuracy
due to the bias current in the error amplifier. R2 can be
determined by the following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
=
1
0.925
OUT
V
2
R
1
R
Figure 4. Feedback Divider Network
When output voltage is low, network as shown in Figure 4
is recommended.
Vout(V)
R1(K
Ω)
R2(K
Ω)
5
45.3
10
3.3
26.1
10
2.5
16.9
10
1.8
9.53
10
1.2
3
10
Table 1—Resistor Selection for Common Output
Voltages
Compensation Components
The AP6502 has an external COMP pin through which
system stability and transient response can be controlled.
COMP pin is the output of the internal trans-conductance
error amplifier. A series capacitor-resistor combination
sets
a
pole-zero
combination
to
control
the
characteristics of the control system. The DC gain of the
voltage feedback loop is given by:
OUT
V
FB
V
VEA
A
CS
G
LOAD
R
VDC
A
×
×
×
=
Where VFB is the feedback voltage (0.925V), RLOAD is the
load resistor value, GCS is the current sense trans-
conductance and AVEA is the error amplifier voltage gain.
The control loop transfer function incorporates two poles
one is due to the compensation capacitor (C3) and the
output resistor of error amplifier, and the other is due to
the output capacitor and the load resistor. These poles
are located at:
VEA
A
3
C
2
EA
G
P1
f
×
×
π
=
LOAD
R
2
C
2
1
P2
f
×
×
π
=
Where GEA is the error amplifier trans-conductance.
One zero is present due to the compensation capacitor
(C3) and the compensation resistor (R3). This zero is
located at:
3
R
3
C
2
1
Z1
f
×
×
π
=
The goal of compensation design is to shape the
converter transfer function to get a desired loop gain. The
system crossover frequency where the feedback loop
has the unity gain is crucial.
A rule of thumb is to set the crossover frequency to below
one-tenth of the switching frequency. Use the following
procedure to optimize the compensation components:
1. Choose the compensation resistor (R3) to set the
desired crossover frequency. Determine the R3 value by
the following equation:
FB
V
OUT
V
EA
G
fs
1
.
0
2
C
2
FB
V
OUT
V
CS
G
EA
G
fc
2
C
2
3
R
CS
G
×
×
×
×
π
<
×
×
×
×
π
=
×
Where fC is the crossover frequency, which is typically
less than one tenth of the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com