Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6502
Description  340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6502 Datasheet HTML 4Page - Diodes Incorporated AP6502 Datasheet HTML 5Page - Diodes Incorporated AP6502 Datasheet HTML 6Page - Diodes Incorporated AP6502 Datasheet HTML 7Page - Diodes Incorporated AP6502 Datasheet HTML 8Page - Diodes Incorporated AP6502 Datasheet HTML 9Page - Diodes Incorporated AP6502 Datasheet HTML 10Page - Diodes Incorporated AP6502 Datasheet HTML 11Page - Diodes Incorporated AP6502 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP6502
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6502
Document Number: DS35423 Rev. 2 - 2
10 of 12
www.diodes.com
September 2011
© Diodes Incorporated
Applications Information (cont.)
AP6502 is exposed at the bottom of the package and must
be soldered directly to a well designed thermal pad on the
PCB. This will help to increase the power dissipation.
External Bootstrap Diode
It is recommended that an external bootstrap diode be
added when the input voltage is no greater than 5V or the
5V rail is available in the system. This helps to improve the
efficiency of the regulator. This solution is also applicable
for D > 65%. The bootstrap diode can be a low cost one
such as BAT54 or a schottky that has a low Vf.
Figure 7—External Bootstrap
Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Inc
SK13
30V, 1A
Diodes Inc
Ordering Information
Device
Package
Code
Packaging
(Note 7)
13” Tape and Reel
Quantity
Part Number Suffix
AP6502SP-13
SP
SO-8EP
2500/Tape & Reel
-13
Note:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Input capacitor C1
must be placed as
close as possible
to the IC and to L1.
34mm
52mm
External
feedback
resistor dividers
must be placed
close to the FB
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com