Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6502
Description  340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6502 Datasheet HTML 1Page - Diodes Incorporated AP6502 Datasheet HTML 2Page - Diodes Incorporated AP6502 Datasheet HTML 3Page - Diodes Incorporated AP6502 Datasheet HTML 4Page - Diodes Incorporated AP6502 Datasheet HTML 5Page - Diodes Incorporated AP6502 Datasheet HTML 6Page - Diodes Incorporated AP6502 Datasheet HTML 7Page - Diodes Incorporated AP6502 Datasheet HTML 8Page - Diodes Incorporated AP6502 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP6502
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6502
Document Number: DS35423 Rev. 2 - 2
1 of 12
www.diodes.com
September 2011
© Diodes Incorporated
Description
The AP6502 is a 340kHz switching frequency external
compensated synchronous DCDC buck converter. It has
integrated low RDSON high and low side MOSFETs.
The AP6502 enables continues load current of up to 2A with
efficiency as high as 95%.
The AP6502 features current mode control operation, which
enables fast transient response times and easy loop
stabilization.
The AP6502 simplifies board layout and reduces space
requirements with its high level of integration and minimal
need for external components, making it ideal for distributed
power architectures.
The AP6502 is available in a standard Green SO-8EP
package
with
exposed
PAD
for
improved
thermal
performance and is RoHS compliant.
Pin Assignments
COMP
SW
GND
BS
EN
FB
SS
( Top View )
1
2
3
4
8
7
6
5
IN
SO-8EP
Figure 1. Package Pin Out
Features
•
VIN 4.75V to 23V
•
2A continuous Output Current, 3A Peak
•
VOUT adjustable to 0.925 to 20V
•
340kHz switching frequency
•
Programmable Soft-Start
•
Enable pin
•
Protection
o
OCP
o
Thermal Shutdown
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Gaming Consoles
•
Flat Screen TV sets and Monitors
•
Set Top Boxes
•
Distributed power systems
•
Home Audio
•
Consumer electronics
•
Network Systems
•
FPGA, DSP and ASIC Supplies
•
Green Electronics
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
Figure 2. Typical Application Circuit
0
0.4
0.8
1.2
1.6
2
LOAD CURRENT (A)
Efficiency vs. Load Current
L = 10µH
V
= 3.3V
OUT
40
50
60
70
80
90
100
V
= 5V
IN
V
= 12V
IN


Similar Part No. - AP6502

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502A DIODES-AP6502A Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6502ASP-13 DIODES-AP6502ASP-13 Datasheet
432Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP6502SP-13 DIODES-AP6502SP-13 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
More results

Similar Description - AP6502

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Fitipower Integrated Te...
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888 FITIPOWER-FR9888 Datasheet
994Kb / 13P
23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com