Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6508 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated AP6508 Datasheet HTML 10Page - Diodes Incorporated AP6508 Datasheet HTML 11Page - Diodes Incorporated AP6508 Datasheet HTML 12Page - Diodes Incorporated AP6508 Datasheet HTML 13Page - Diodes Incorporated AP6508 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
11 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Application Information (cont.)
Inductor (cont.)
Peak current determines the required saturation current
rating, which influences the size of the inductor.
Saturating
the
inductor
decreases
the
converter
efficiency while increasing the temperatures of the
inductor and the internal MOSFETs. Hence choosing an
inductor with appropriate saturation current rating is
important.
A 1µH to 10µH inductor with a DC current rating of at
least 25% percent higher than the maximum load current
is recommended for most applications.
For highest efficiency, the inductor’s DC resistance
should be less than 200m
Ω. Use a larger inductance for
improved efficiency under light load conditions.
Input Capacitor
The input capacitor reduces the surge current drawn from
the input supply and the switching noise from the device.
The input capacitor has to sustain the ripple current
produced during the on time on the upper MOSFET. It
must hence have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical
parameter that must be higher than the RMS input
current. As a rule of thumb, select an input capacitor
which has an RMS rating that is greater than half of the
maximum load current.
Due
to
large
dI/dt
through
the
input
capacitors,
electrolytic or ceramics should be used. If a tantalum
must be used, it must be surge protected. Otherwise,
capacitor failure could occur. For most applications, a
4.7µF ceramic capacitor is sufficient.
Output Capacitor
The output capacitor keeps the output voltage ripple
small, ensures feedback loop stability and reduces the
overshoot of the output voltage. The output capacitor is a
basic component for the fast response of the power
supply. In fact, during load transient, for the first few
microseconds it supplies the current to the load. The
converter recognizes the load transient and sets the duty
cycle to maximum, but the current slope is limited by the
inductor value.
Maximum capacitance required can be calculated from
the following equation:
2
out
V
2
)
out
V
V
(
Δ
2
)
2
inductor
ΔI
out
L(I
o
C
−
+
+
=
Where
ΔV is the maximum output voltage overshoot.
ESR of the output capacitor dominates the output voltage
ripple. The amount of ripple can be calculated from the
equation below:
ESR
*
inductor
ΔI
capacitor
Vout
=
An output capacitor with ample capacitance and low ESR
is the best option. For most applications, a 22µF ceramic
capacitor will be sufficient.
PC Board Layout
This is a high switching frequency converter. Hence
attention
must
be
paid
to
the
switching
currents
interference in the layout. Switching current from one
power device to another can generate voltage transients
across the impedances of the interconnecting bond wires
and circuit traces. These interconnecting impedances
should be minimized by using wide, short printed circuit
traces.
AP6508 is exposed at the bottom of the package and must
be soldered directly to a well designed thermal pad on the
PCB. This will help to increase the power dissipation.
External Bootstrap Diode
It is recommended that an external bootstrap diode be
added when the input voltage is no greater than 5V or the
5V rail is available in the system. This helps to improve
the efficiency of the regulator. This solution is also
applicable for D > 65%. The bootstrap diode can be a low
cost one such as BAT54 or a schottky that has a low Vf.
AP6508
BST
SW
10nF
BOOST
DIODE
5V
6
2,3,4,5
Figure 3. External Bootstrap Diode
Input capacitor C1
must be placed as
close as possible to the
IC and to L1.
34mm
52mm
External feedback
resistor dividers
must be placed
close to the FB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com