Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6508 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated AP6508 Datasheet HTML 10Page - Diodes Incorporated AP6508 Datasheet HTML 11Page - Diodes Incorporated AP6508 Datasheet HTML 12Page - Diodes Incorporated AP6508 Datasheet HTML 13Page - Diodes Incorporated AP6508 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
13 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Tape Orientation (Note 8)
Note:
8. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com