Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6508 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP6508 Datasheet HTML 1Page - Diodes Incorporated AP6508 Datasheet HTML 2Page - Diodes Incorporated AP6508 Datasheet HTML 3Page - Diodes Incorporated AP6508 Datasheet HTML 4Page - Diodes Incorporated AP6508 Datasheet HTML 5Page - Diodes Incorporated AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
2 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Pin Descriptions
Pin #
Name
Description
1
IN
Supply Voltage. The AP6508 operates from a 4.5V to 21V input rail. C1 is needed to
decouple the input rail. Use wide PCB trace to make the connection.
2,3,4,5
SW
Switch Output. Use wide PCB trace to make the connection.
6
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a floating
supply across the high-side switch driver.
7
EN
EN=1 to enable the chip. For automatic start-up, connect EN pin to VIN by proper EN resistor
divider as Figure 1 shows.
8
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin, sets the
output voltage. To prevent current limit run away during a short circuit fault condition the
frequency fold-back comparator lowers the oscillator frequency when the FB voltage is below
500mV.
9
PG
Power Good
10
SS
External Softstart
11
VCC
BIAS Supply. Decouple with 0.
μ1F – 0.22μF cap. And the capacitance should be no more
than 0.22
μF
12, 13
GND
System Ground. This pin is the reference ground for the regulated output voltage. For this
reason care must be taken in its PCB layout. Suggested to be connected to GND with copper
and vias.
14
AGND
Analog Ground
Exposed PAD
No internal connection. It is recommended to connect exposed pad to GND plane for optimal
thermal performance
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com