Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7362 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7362
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7362 Datasheet HTML 1Page - Diodes Incorporated AP7362 Datasheet HTML 2Page - Diodes Incorporated AP7362 Datasheet HTML 3Page - Diodes Incorporated AP7362 Datasheet HTML 4Page - Diodes Incorporated AP7362 Datasheet HTML 5Page - Diodes Incorporated AP7362 Datasheet HTML 6Page - Diodes Incorporated AP7362 Datasheet HTML 7Page - Diodes Incorporated AP7362 Datasheet HTML 8Page - Diodes Incorporated AP7362 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
5 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Typical Performance Characteristics
Unless otherwise specified: TJ=25°C, VIN=2.7V, VEN=VIN, CIN=10μF, COUT=10μF, IOUT=10mA, VOUT=1.8V
Noise Density
FREQUENCY(Hz)
100
1000
10k
100k
10k
1k
100
10
Noise Density
FREQUENCY(Hz)
100
1000
10k
100k
10
100
1k
10k
IGND(OFF) vs Temperature
-50
-25
0
255075
100
125
TEMPERATURE(℃)
1k
100
10
1
COUT=10μF TANT
IGND vs Load Current
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
ILOAD(A)
VEN = 0.65V
COUT=10μF CER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com