Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7362 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7362
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7362 Datasheet HTML 1Page - Diodes Incorporated AP7362 Datasheet HTML 2Page - Diodes Incorporated AP7362 Datasheet HTML 3Page - Diodes Incorporated AP7362 Datasheet HTML 4Page - Diodes Incorporated AP7362 Datasheet HTML 5Page - Diodes Incorporated AP7362 Datasheet HTML 6Page - Diodes Incorporated AP7362 Datasheet HTML 7Page - Diodes Incorporated AP7362 Datasheet HTML 8Page - Diodes Incorporated AP7362 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
1 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Description
The AP7362 is a 1.5A adjustable output voltage linear
regulator with ultra-low dropout. The device includes pass
element, error amplifier, band-gap, current limit and thermal
shutdown circuitry. The integrated Enable block allows the
part to be turned on and off via a logic signal. A logic high
level on EN turns the device on and a logic low turns the
part off.
The low dropout voltage characteristics and fast transient
response to step changes in load make it suitable for low
voltage microprocessor applications. The typical quiescent
current is approximately 0.5mA and changes little with load
current. The built-in current-limit and thermal-shutdown
functions prevent damage to the IC in fault conditions.
This device is available in U-DFN2030-8 and SO-8EP
packages.
Features
•
1.5A ultra-low dropout linear regulator with EN
•
Ultra-low dropout: 220mV at 1.5A
•
Stable with 10µF input/output capacitor, any type
•
Wide input voltage range: 2.7V to 5.5V
•
Adjustable output voltage: 0.6V to 5.0V
•
Fixed output options: 1V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V
•
Low ground pin current
•
25nA quiescent current in shutdown mode
•
VADJ accuracy of ±1.5% @ 25°C
•
VADJ accuracy of ±3% over line, load and temperature
•
Excellent Load/Line Transient Response
•
Current limit and thermal shutdown protection
•
Ambient temperature range: -40ºC to 85ºC
•
U-DFN2030-8, SO-8EP: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
ASIC power supplies in printers, graphics cards, DVD
players, STBs, routers, etc
•
FPGA and DSP core or I/O power supplies
•
SMPS regulator
•
Conversion from 3.3Vor 5V rail
Pin Assignments
Typical Application Circuit
10µF
IN
GND
EN
OUT
Enable
10µF
VIN
VOUT
AP7362
Fixed Output
10µF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
10µF
VIN
VOUT
AP7362
Adjustable Output
Ω
k
10
2
R
where
2
R
1
R
1
REF
V
OUT
V
≤
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
IN
GND
ADJ/
NC
12
EN
34
65
87
OUT
IN
OUT OUT
 
EN
IN
GND
ADJ/NC
1
2
3
4
8
7
6
5
IN
OUT
(Top View)
SO-8EP
OUT
OUT
U-DFN2030-8
(Top View)


Similar Part No. - AP7362

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 9
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev 11
More results

Similar Description - AP7362

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com