Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7362 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7362
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7362 Datasheet HTML 5Page - Diodes Incorporated AP7362 Datasheet HTML 6Page - Diodes Incorporated AP7362 Datasheet HTML 7Page - Diodes Incorporated AP7362 Datasheet HTML 8Page - Diodes Incorporated AP7362 Datasheet HTML 9Page - Diodes Incorporated AP7362 Datasheet HTML 10Page - Diodes Incorporated AP7362 Datasheet HTML 11Page - Diodes Incorporated AP7362 Datasheet HTML 12Page - Diodes Incorporated AP7362 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
9 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Application Information (cont.)
ON/OFF Input Operation
The AP7362 is turned on by setting the EN pin high, and
is turned off by pulling it low. If this feature is not used,
the EN pin should be tied to IN pin to keep the regulator
output on at all time. To ensure proper operation, the
signal source used to drive the EN pin must be able to
swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
Short Circuit Protection
When output current at OUT pin is higher than current
limit threshold, the current limit protection will be triggered
and clamp the output current to prevent over-current and
to protect the regulator from damage due to overheating.
Thermal Shutdown Protection
Thermal protection disables the output when the junction
temperature rises to approximately +170°C, allowing the
device to cool down. When the junction temperature
reduces to approximately +160°C the output circuitry is
enabled again. Depending on power dissipation, thermal
resistance,
and
ambient
temperature,
the
thermal
protection circuit may cycle on and off. This cycling limits
the heat dissipation of the regulator, protecting it from
damage due to overheating.
Low Quiescent Current
The AP7362, consumes only around 0.5mA for all input
voltage range and load currents, this provides great power
saving in portable and low power applications.
Output Noise
This is the integrated value of the output noise over a
specified frequency range. Input voltage and output load
current are kept constant during the measurement.
Results are expressed in
μVrms or μV √Hz.
The AP7362 is a low noise regulator and needs no
external noise reduction capacitor. Output voltage noise is
typically 100
μVrms overall noise level between 100 Hz
and 100 kHz
Noise is specified in two ways:
Output noise density is the RMS sum of all noise
sources, measured at the regulator output, at a specific
frequency (measured with a 1Hz bandwidth). This type of
noise is usually plotted on a curve as a function of
frequency.
Output noise voltage is the RMS sum of spot noise over
a specified bandwidth. Spot noise is measured in units
μV/√Hz or nV/√Hz and total output noise is measured in
μV(rms). The primary source of noise in low-dropout
regulators is the internal reference.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensure reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated by:
PD = (VIN - VOUT) X IOUT
The maximum power dissipation, handled by the device,
depends on the junction to ambient thermal resistance,
and
maximum
ambient
temperature,
which
can
be
calculated by the equation in the following:
JA
R
)
A
T
-
C
150
(
P
max
_
D
θ
°
+
=
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
FREQUENCY(Hz)
-80
-60
-40
-20
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
VIN=2.7V
VOUT=1.2V
IL=0A
COUT=10μF CER
GAIN
PHASE
Gain-Bandwidth Plot for no Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com