Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053_1107 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX15053_1107
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053_1107 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX15053_1107 Datasheet HTML 8Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 11Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 12Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
12 _____________________________________________________________________________________
Error Amplifier
A high-gain error amplifier provides accuracy for the
voltage-feedback loop regulation. Connect the neces-
sary compensation network between COMP and GND
(see the Compensation Design Guidelines section). The
error-amplifier transconductance is 1.5mS (typ). COMP
clamp low is set to 0.94V (typ), just below the slope ramp
compensation valley, helping COMP to rapidly return to
the correct set point during load and line transients.
PWM Comparator
The PWM comparator compares COMP voltage to the
current-derived ramp waveform (LX current to COMP
voltage transconductance value is 18A/V typ). To avoid
instability due to subharmonic oscillations when the duty
cycle is around 50% or higher, a slope compensation
ramp is added to the current-derived ramp waveform.
The compensation ramp slope (0.3V x 1MHz = 0.3V/Fs)
is equivalent to half the inductor current downslope in the
worst case (load 2A, current ripple 30% and maximum
duty-cycle operation of 94%). The slope compensation
ramp valley is set to 1.15V (typ).
Overcurrent Protection and Hiccup
When the converter output is shorted or the device is
overloaded, each high-side MOSFET current-limit event
(4A typ) turns off the high-side MOSFET and turns on the
low-side MOSFET. On each current-limit event a 3-bit
counter is incremented. The counter is reset after three
consecutive high-side MOSFETs turn on without reach-
ing current limit. If the current-limit condition persists,
the counter fills up reaching eight events. The control
logic then discharges SS/REFIN, stops both high-side
and low-side MOSFETs, and waits for a hiccup period
(1024 clock cycles typ) before attempting a new soft-
start sequence. The hiccup mode is also enabled during
soft-start time.
Thermal-Shutdown Protection
The MAX15053 contains an internal thermal sensor that
limits the total power dissipation to protect the device in
the event of an extended thermal fault condition. When
the die temperature exceeds +150NC (typ), the thermal
sensor shuts down the device, turning off the DC-DC
converter to allow the die to cool. After the die tempera-
ture falls by 20NC (typ), the device restarts, following the
soft-start sequence.
Skip Mode Operation
The MAX15053 operates in skip mode when SKIP is con-
nected to EN. When in skip mode, LX output becomes
high impedance when the inductor current falls below
200mA (typ). The inductor current does not become
negative. If during a clock cycle the inductor current falls
below the 200mA threshold (during off-time), the low side
turns off. At the next clock cycle, if the output voltage is
above set point, the PWM logic keeps both high-side
and low-side MOSFETs off. If instead the output voltage
is below the set point, the PWM logic drives the high-
side on for a minimum fixed on-time (300ns typ). In this
way the system can skip cycles, reducing frequency of
operations, and switches only as needed to service load
at the cost of an increase in output voltage ripple (see
the Skip Mode Frequency and Output Ripple section). In
skip mode, power dissipation is reduced and efficiency
is improved at light loads because power MOSFETs do
not switch at every clock cycle.
Applications Information
Setting the Output Voltage
The MAX15053 output voltage is adjustable from 0.6V
up to 94% of VIN by connecting FB to the center tap of a
resistor-divider between the output and GND (Figure 1).
Choose R1 and R2 so that the DC errors due to the FB
input bias current (Q500nA) do not affect the output volt-
age accuracy. With lower value resistors, the DC error
is reduced, but the amount of power consumed in the
resistor-divider increases. A typical value for R2 is 10kI,
but values between 5kI and 50kI are acceptable. Once
R2 is chosen, calculate R1 using:
OUT
FB
V
R1 = R2
1
V
×
−
where the feedback threshold voltage, VFB = 0.6V (typ).
When regulating for an output of 0.6V in skip mode, short
FB to OUT and keep R2 connected from FB to GND.
Inductor Selection
A high-valued inductor results in reduced inductor ripple
current, leading to a reduced output ripple voltage.
However, a high-valued inductor results in either a larger
physical size or a high series resistance (DCR) and a
lower saturation current rating. Typically, choose an
inductor value to produce a current ripple equal to 30%
of load current. Choose the inductor with the following
formula:
OUT
OUT
SW
LOAD
IN
V
V
L
1
f
LIR I
V
=
× −
×
×
where fSW is the internally fixed 1MHz switching frequen-
cy, and LIR is the desired inductor current ratio (typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com