Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053_1107 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX15053_1107
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053_1107 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15053_1107 Datasheet HTML 9Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 10Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 11Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 12Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 16Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
______________________________________________________________________________________ 13
set to 0.3). In addition, the peak inductor current, IL_PK,
must always be below the minimum high-side current-
limit value, IHSCL, and the inductor saturation current
rating, IL_SAT.
Ensure that the following relationship is satisfied:
(
)
L_PK
LOAD
L
HSCL, L_SAT
1
I
I
I
min I
I
2
=
+ ∆ <
Input Capacitor Selection
The input capacitor reduces the peak current drawn from
the input power supply and reduces switching noise in
the device. The total input capacitance must be equal to
or greater than the value given by the following equation
to keep the input ripple voltage within the specification
and minimize the high-frequency ripple current being fed
back to the input source:
LOAD
OUT
IN
SW
IN_RIPPLE
IN
I
V
C
f
V
V
=
×
× ∆
where DVIN_RIPPLE is the maximum-allowed input ripple
voltage across the input capacitors and is recommend-
ed to be less than 2% of the minimum input voltage,
fSW is the switching frequency (1MHz), and ILOAD is the
output load. The impedance of the input capacitor at
the switching frequency should be less than that of the
input source so high-frequency switching currents do not
pass through the input source, but are instead shunted
through the input capacitor.
The input capacitor must meet the ripple current require-
ment imposed by the switching currents. The RMS input
ripple current is given by:
(
)
OUT
IN
OUT
RIPPLE
LOAD
IN
V
V
V
I
I
V
×
−
=
where IRIPPLE is the input RMS ripple current.
Output Capacitor Selection
The key selection parameters for the output capacitor
are capacitance, ESR, ESL, and voltage rating. The
parameters affect the overall stability, output ripple volt-
age, and transient response of the DC-DC converter.
The output ripple occurs due to variations in the charge
stored in the output capacitor, the voltage drop due to
the capacitor’s ESR, and the voltage drop due to the
Figure 1. Peak Current-Mode Regulator Transfer Model
L
VCOMP
IOUT
COMPARATOR
COMP
VCOMP
VFB
RC
ROUT
gMV
VIN
POWER MODULATOR
OUTPUT FILTER
AND LOAD
NOTE: THE GMOD STAGE SHOWN ABOVE MODELS THE AVERAGE CURRENT OF
THE INDUCTOR, IL, INJECTED INTO THE OUTPUT LOAD, IOUT, e.g., IL = IOUT.
THIS CAN BE USED TO SIMPLIFY/MODEL THE MODULATION/CONTROL/POWER
STATE CIRCUITRY SHOWN WITHIN THE BOXED AREA.
*NOTE: CFF IS OPTIONAL AND DESIGNED TO EXTEND THE
REGULATOR’S GAIN BANDWIDTH AND INCREASED PHASE
MARGIN FOR SOME LOW-DUTY CYCLE APPLICATIONS.
ERROR AMPLIFIER
FEEDBACK
DIVIDER
SLOPE
COMPENSATION
RAMP
gMC
DCR
IL
QLS
VOUT
VOUT
QHS
IOUT
ESR
COUT
RLOAD
CC
REF
ROUT = 10AVEA(dB)/20/gMV
*CFF
FB
R1
R2
GMOD
PWM
CONTROL
LOGIC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com