Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15053_1107 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX15053_1107
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053_1107 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX15053_1107 Datasheet HTML 13Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 14Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 15Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 16Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 17Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 18Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 19Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 20Page - Maxim Integrated Products MAX15053_1107 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
______________________________________________________________________________________ 17
The effect of the inner current loop at higher frequen-
cies is modeled as a double-pole (complex conjugate)
frequency term, GSAMPLING(s), as shown:
( )
(
)
SAMPLING
2
2
SW
C
SW
1
G
s
s
s
1
f
Q
f
=
+
+
π ×
×
π ×
where the sampling effect quality factor, QC, is:
(
)
C
S
1
Q
K
1 D
0.5
=
π ×
× −
−
And the resonant frequency is:
ωSAMPLING(s) = π × fSW
or:
SW
SAMPLING
f
f
2
=
Having defined the power modulator’s transfer function,
the total system transfer can be written as follows (see
Figure 3):
Gain(s) = GFF(s) × GEA(s) × GMOD(DC) × GFILTER(s) ×
GSAMPLING(s)
where:
( )
(
)
(
)
FF
FF
FF
sC R1 1
R2
G
s
R1 R2
sC
R1|| R2
1
+
=
×
+
+
Leaving CFF empty, GFF(s) becomes:
( )
FF
R2
G
s
R1 R2
=
+
Also:
( )
(
)
VEA
VEA
A
(dB)/20
C C
EA
A
(dB)/20
C
C
MV
sC R
1
G
s
10
10
sC R
1
g
+
=
×
+
+
which simplifies to:
( )
(
)
VEA
VEA
A
(dB)/20
C C
EA
A
(dB)/20
C
MV
sC R
1
G
s
10
10
sC
1
g
+
=
×
 +
VEA
A
(dB)/20
C
MV
10
when R
g
<<
( )
(
)
(
)
OUT
FILTER
LOAD
1
S
OUT
LOAD
SW
sC
ESR 1
G
s
R
K
1 D
0.5
1
sC
1
R
f
L
−
+
=
×
× −
−
+
+
×
The dominant poles and zeros of the transfer loop gain
are shown below:
(
)
(
)
VEA
MV
P1
A
(dB)/20
C
P2
S
1
OUT
LOAD
SW
P3
SW
Z1
C C
Z2
OUT
g
f
2
10
C
1
f
K
1 D 0.5
1
2
C
R
f
L
1
f
f
2
1
f
2
C R
1
f
2
C
ESR
−
=
π ×
×
=
× − −
π ×
+
×
=
=
π ×
=
π ×
The order of pole-zero occurrence is:
P1
P2
Z1
CO
P3
Z2
f
f
f
f
f
f
<
≤
<
≤
<
Under heavy load, fP2, approaches fZ1. Figure 3 shows
a graphical representation of the asymptotic system
closed-loop response, including dominant pole and zero
locations.
The loop response’s fourth asymptote (in bold, Figure 3)
is the one of interest in establishing the desired cross-
over frequency (and determining the compensation
component values). A lower crossover frequency pro-
vides for stable closed-loop operation at the expense of
a slower load- and line-transient response. Increasing
the crossover frequency improves the transient response
at the (potential) cost of system instability. A standard
rule of thumb sets the crossover frequency between
1/10 and 1/5 of the switching frequency. First, select
the passive power and decoupling components that
meet the application’s requirements. Then, choose the
small-signal compensation components to achieve the
desired closed-loop frequency response and phase
margin as outlined in the Closing the Loop: Designing
the Compensation Circuitry section.
Closing the Loop: Designing the
Compensation Circuitry
1) Select the desired crossover frequency. Choose fCO
approximately 1/10 to 1/5 of the switching frequency
(fSW).
2) Determine RC by setting the system transfer’s fourth
asymptote gain equal to unity (assuming fCO > fZ1,
fP2, and fP1) where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com