Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT608 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT608
Description  60A Avg 800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT608 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT608 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THYRISTOR
60A Avg 800 Volts
PDT608
PDH608
PCH608
■回路図 CIRCUIT
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
960
V
PDT608/PDH608/PCH608
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=83℃
Half Sine Wave
60
A
実効オン電流
RMS On-State Current
IT
(RMS)
94
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
7200
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1200
A
M5
M5
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
960
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3VDRM,ITM=2・IO,Tj=125℃
IG=200mA,diG/dt=0.2A/μs
100
A/μs
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
─ 175 ─
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)
K1 G1
K2 G2
1
2
3
PDT
K1 G1
1
2
3
PDH
K2 G2
1
2
3
PCH
1アーム当りの値 Value Per 1 Arm.


Similar Part No. - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608 Datasheet
250Kb / 5P
THYRISTOR MODULE 60A/800V
logo
Kyocera Kinseki Corpota...
PDT608 KSS-PDT608 Datasheet
338Kb / 4P
Thyristor
logo
National Instruments Co...
PDT608 NI-PDT608_15 Datasheet
245Kb / 4P
THYRISTOR
More results

Similar Description - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD60KN8 NIEC-PD60KN8 Datasheet
149Kb / 2P
DIODE 60A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
THYRISTOR 60A Avg 800 Volts
PC608 NIEC-PC608_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
60A Avg 200 Volts
P2H60F6 NI-P2H60F6_15 Datasheet
207Kb / 2P
60A Avg 600 Volts
P2H60QH10 NI-P2H60QH10_15 Datasheet
237Kb / 2P
60A Avg 100 Volts
P2H60QH15 NI-P2H60QH15_15 Datasheet
77Kb / 1P
60A Avg 150 Volts
PC60QL03N NI-PC60QL03N_15 Datasheet
168Kb / 2P
60A Avg 30 Volts
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com