Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5245 Datasheet(PDF) 19 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 19 Page - ams AG

Back Button AS5245 Datasheet HTML 15Page - ams AG AS5245 Datasheet HTML 16Page - ams AG AS5245 Datasheet HTML 17Page - ams AG AS5245 Datasheet HTML 18Page - ams AG AS5245 Datasheet HTML 19Page - ams AG AS5245 Datasheet HTML 20Page - ams AG AS5245 Datasheet HTML 21Page - ams AG AS5245 Datasheet HTML 22Page - ams AG AS5245 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
19 - 31
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.1.4 OTP Default Setting
The AS5245 can also be operated without programming. The default, un-programmed setting is:
- Output Md0, Output MD1: 00= Default mode
- Z0 to Z11: 00 = no programmed zero position
- CCW: 0 = clockwise operation
- RA4 to RA0:0 = no OTP bit is selected
- MagCompEN: 1 = The green / yellow mode is enabled.
9.1.5 Redundancy
For a better programming reliability, a redundancy is implemented. This function can be used in cases where the programming of one bit fails.
With an address RA(4:0), one bit can be selected and programmed.
9.1.6 Redundant Programming Option
In addition to the regular programming, a redundant programming option is available. This option allows that one selectable OTP bit can be set
to “1” (programmed state) by writing the location of that bit into a 5-bit address decoder. This address can be stored in bits RA4…RA0 in the OTP
user settings.
Example: setting RA4…0 to “00001” will select bit 51 = PWhalfEN_Indexwidth, “00010” selects bit 50 = MagCompEN, “10010” selects bit 34
=CCW, etc.
Table 13. Redundancy Addressing
Address
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
Z11
CCW
00000
00000
0000
00000
000
0
00001
1
0000
0000
00000
000
0
00010
0
1
000
0000
00000
000
0
00011
0
0
1
00
0000
00000
000
0
00100
0
0
0
1
0
0000
00000
000
0
00101
0000
1
0000
00000
000
0
00110
00000
1
000
00000
000
0
00111
00000
0
1
00
00000
000
0
01000
00000
00
1
0
00000
000
0
01001
00000
000
1
00000
000
0
01010
00000
0000
1
0000
000
0
01011
00000
0000
0
1
000
000
0
01100
00000
0000
00
1
00
000
0
01101
00000
0000
000
1
0
000
0
01110
00000
0000
0000
1
000
0
01111
00000
0000
00000
1
00
0
10000
00000
0000
00000
0
1
00
10001
00000
0000
00000
00
1
0
10010
00000
0000
00000
000
1
10101
11111
1111
11111
111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com