Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5245 Datasheet(PDF) 21 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 21 Page - ams AG

Back Button AS5245 Datasheet HTML 17Page - ams AG AS5245 Datasheet HTML 18Page - ams AG AS5245 Datasheet HTML 19Page - ams AG AS5245 Datasheet HTML 20Page - ams AG AS5245 Datasheet HTML 21Page - ams AG AS5245 Datasheet HTML 22Page - ams AG AS5245 Datasheet HTML 23Page - ams AG AS5245 Datasheet HTML 24Page - ams AG AS5245 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
21 - 31
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.3 3.3V / 5V Operation
The AS5245 operates either at 3.3V ±10% or at 5V ±10%. This is made possible by an internal 3.3V Low-Dropout (LDO) Voltage regulator. The
internal supply voltage is always taken from the output of the LDO, meaning that the internal blocks are always operating at 3.3V.
For 3.3V operation, the LDO must be bypassed by connecting VDD3V3 with VDD5V (see Figure 15).
For 5V operation, the 5V supply is connected to pin VDD5V, while VDD3V3 (LDO output) must be buffered by a 1...10µF capacitor, which is
supposed to be placed close to the supply pin (see Figure 15).
Note:
The VDD3V3 output is intended for internal use only. It must not be loaded with an external load.
The output voltage of the digital interface I/O’s corresponds to the voltage at pin VDD5V, as the I/O buffers are supplied from this pin.
Figure 15. Connections for 5V / 3.3V Supply Voltages
A buffer capacitor of 100nF is recommended in both cases close to pin VDD5V. Note that pin VDD3V3 must always be buffered by a capacitor. It
must not be left floating, as this may cause an instable internal 3.3V supply voltage, which may lead to larger than normal jitter of the measured
angle.
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
100n
4.5 - 5.5V
+
1... 10µF
DO
PWM
CLK
CSn
PDIO
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
3.0 - 3.6V
+
DO
PWM
CLK
CSn
PDIO
100n
5V Operation
3.3V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com