Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5245 Datasheet(PDF) 28 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 28 Page - ams AG

Back Button AS5245 Datasheet HTML 23Page - ams AG AS5245 Datasheet HTML 24Page - ams AG AS5245 Datasheet HTML 25Page - ams AG AS5245 Datasheet HTML 26Page - ams AG AS5245 Datasheet HTML 27Page - ams AG AS5245 Datasheet HTML 28Page - ams AG AS5245 Datasheet HTML 29Page - ams AG AS5245 Datasheet HTML 30Page - ams AG AS5245 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
28 - 31
AS5245
Data Sheet - P a c k age Drawings a nd M a rkings
10 Package Drawings and Markings
The device is available in a QFN 32 (7mm x 7mm) package.
Figure 19. Package Drawings
Table 15. Package Dimensions
Symbol
mm
inch
Min
Typ
Max
Min
Typ
Max
D
7 BSC
0.28 BSC
E
7 BSC
0.28 BSC
D1
4.18
4.28
4.38
0.165
0.169
0.172
E1
4.18
4.28
4.38
0.165
0.169
0.172
L
0.45
0.55
0.65
0.018
0.022
0.026
b
0.25
0.30
0.35
0.010
0.012
0.014
e
0.65 BSC
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.203 REF
0.008 REF
25
32
8
1
16
9
17
24
AS5245
Top View
Side View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com