Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6950FS Datasheet(PDF) 2 Page - Rohm

Part # BA6950FS
Description  0.5A or Less Reversible Motor Driver (Single Motor)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 2 Page - Rohm

  BA6950FS Datasheet HTML 1Page - Rohm BA6950FS Datasheet HTML 2Page - Rohm BA6950FS Datasheet HTML 3Page - Rohm BA6950FS Datasheet HTML 4Page - Rohm BA6950FS Datasheet HTML 5Page - Rohm BA6950FS Datasheet HTML 6Page - Rohm BA6950FS Datasheet HTML 7Page - Rohm BA6950FS Datasheet HTML 8Page - Rohm BA6950FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Note
2/10
BA6950FS, BA6951FS
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics (BA6950FS, unless otherwise specified, Ta=25℃ and VCC=4.8V, VB=4.8V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
-
4.0
6.0
mA
FWD/REV mode, VCTL=0V
Supply current 2
ICC2
-
0.7
1.5
mA
Standby mode, VCTL=0V
Supply current 3
IBOFF
-
0
1
µA
VCC=0V
Input threshold voltage H
VR/F H
2.0
-
VCC
V
Input threshold voltage L
VR/F L
0
-
0.8
V
Input bias current
IR/F H
-
80
135
µA
FIN=2V, RIN=2V
CTL amplifier offset voltage
VCTLOFS
-5
0
5
mV
VCTL-RC, VCTL=0V, 1V
CTL amplifier gain
VCTLGA
40
46
52
µA/V
ΔIRT1, VCTL=2V, 1V
CTL output mirror ratio 1
ICTLR1
0.85
1.00
1.15
ratio
IRT1/IRC, IRC=20µA
CTL output mirror ratio 2
ICTLR2
0.90
1.00
1.10
ratio
IRT1/IRC, IRC=200µA
CS amplifier offset voltage
CSOFS
-5
0
5
mV
CS1-CS2, CS1=0V, 0.1V
CS output mirror ratio 1
ICSR1
0.85
1.00
1.15
ratio
IRT2/ICS2, ICS=20µA
CS output mirror ratio 2
ICSR2
0.90
1.00
1.10
ratio
IRT2/ICS2, ICS=200µA
Output high voltage
VH
2.0
4.6
-
V
M1, M2, VCTL=0.2V
Output saturation voltage H
VOH
-
0.09
0.3
V
IO=50mA, RT1=VCC
Output saturation voltage L
VOL
-
0.07
0.2
V
IO=50mA, RT1=VCC
●
Electrical characteristics (BA6951FS, unless otherwise specified, Ta=25℃ and VCC=4.8V, VB=4.8V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
-
4.0
6.0
mA
FWD/REV mode, VCTL=0V
Supply current 2
ICC2
-
0.7
1.5
mA
Standby mode, VCTL=0V
Supply current 3
IBOFF
-
0
1
µA
VCC=0V
Input threshold voltage H
VR/F H
2.0
-
VCC
V
Input threshold voltage L
VR/F L
0
-
0.8
V
Input bias current
IR/F H
-
80
135
µA
FIN=2V, RIN=2V
CTL amplifier offset voltage
VCTLOFS
-5
0
5
mV
VCTL-RC, VCTL=0V, 1V
CTL amplifier gain
VCTLGA
40
46
52
µA/V
ΔIRT1, VCTL=2V, 1V
CTL output mirror ratio 1
ICTLR1
0.85
1.00
1.15
ratio
IRT1/IRC, IRC=20µA
CTL output mirror ratio 2
ICTLR2
0.90
1.00
1.10
ratio
IRT1/IRC, IRC=200µA
CS amplifier offset voltage
CSOFS
-5
0
5
mV
ATC-CS, ATC=0V, 0.1V
CS output mirror ratio 1
ICSR1
0.85
1.00
1.15
ratio
IRT2/ICS, ICS=20µA
CS output mirror ratio 2
ICSR2
0.90
1.00
1.10
ratio
IRT2/ICS, ICS=200µA
TL-RAOFS offset voltage
TL-RAOFS
6
18
30
mV
TL=0.3V, RATC=1.0Ω
Output high voltage
VH
1.85
2.20
2.55
V
M1, M2, VCTL=1.0V
Output saturation voltage H
VOH
-
0.28
0.56
V
IO=300mA, RT1=VCC
Output saturation voltage L
VOL
-
0.32
0.64
V
IO=300mA, RT1=VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com