Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6950FS Datasheet(PDF) 3 Page - Rohm

Part # BA6950FS
Description  0.5A or Less Reversible Motor Driver (Single Motor)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 3 Page - Rohm

  BA6950FS Datasheet HTML 1Page - Rohm BA6950FS Datasheet HTML 2Page - Rohm BA6950FS Datasheet HTML 3Page - Rohm BA6950FS Datasheet HTML 4Page - Rohm BA6950FS Datasheet HTML 5Page - Rohm BA6950FS Datasheet HTML 6Page - Rohm BA6950FS Datasheet HTML 7Page - Rohm BA6950FS Datasheet HTML 8Page - Rohm BA6950FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Note
3/10
BA6950FS, BA6951FS
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristic curves (Reference data)
Fig.1 Supply current 1 (Forward)
Fig.2 Supply current 2 (Standby)
Fig.3 Supply current 3
(BA6950FS)
(BA6950FS)
Fig.4 Supply current 1 (Forward)
Fig.5 Supply current 2 (Standby)
Fig.6 Input bias current
(BA6951FS)
(BA6951FS)
Fig.7 Output saturation voltage H
Fig.8 Output saturation voltage L
Fig.9 Input threshold voltage
(BA6950FS)
(BA6950FS)
Fig.10 Output saturation voltage H
Fig.11 Output saturation voltage L
Fig.12 Thermal derating curve
(BA6951FS)
(BA6951FS)
(SSOP-A16)
4.0
4.2
4.4
4.6
4.8
5.0
0
0.2
0.4
0.6
0.8
Output Current: Iout [A]
-20°C
25°C
75°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
ii) 0.813W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
i) 0.625W
1
2
3
4
5
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0.0
0.1
0.2
0.3
0.4
34
56
Supply Voltage: VB [V]
-20°C
25°C
75°C
0.4
0.5
0.6
0.7
0.8
0.9
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0
100
200
300
400
01
23
45
Input Voltage: VR/F [V]
-25°C
25°C
75°C
1
2
3
4
5
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
0.4
0.5
0.6
0.7
0.8
0.9
34
56
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
4.0
4.2
4.4
4.6
4.8
5.0
0
0.1
0.2
0.3
0.4
Output Current: Iout [A]
-20°C
25°C
75°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.1
0.2
0.3
0.4
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
1.0
2.0
3.0
4.0
5.0
01
234
Input Voltage: VR/F [V]
75°C
25°C
-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com