Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6950FS Datasheet(PDF) 7 Page - Rohm

Part # BA6950FS
Description  0.5A or Less Reversible Motor Driver (Single Motor)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 7 Page - Rohm

Back Button BA6950FS Datasheet HTML 3Page - Rohm BA6950FS Datasheet HTML 4Page - Rohm BA6950FS Datasheet HTML 5Page - Rohm BA6950FS Datasheet HTML 6Page - Rohm BA6950FS Datasheet HTML 7Page - Rohm BA6950FS Datasheet HTML 8Page - Rohm BA6950FS Datasheet HTML 9Page - Rohm BA6950FS Datasheet HTML 10Page - Rohm BA6950FS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Note
7/10
BA6950FS, BA6951FS
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
External application components setting procedure
The relation between VCTL and the output high voltage is as follows.
· IRT1 = VCTL / R1
····· (1)
VCTL: Torque control voltage
· IRT2 = IACT x R5 / R4
····· (2)
IACT: Motor current
· VRT1 = R3 x ( IRT1 + IRT2 ) + R2 x IRT1
····· (3)
· VMX = 4 x VRT1
····· (4)
VM1, VM2: Output high voltage
VMX =
4 ( R2 + R3 )
x VTCL +
4 R3 R5
x IACT
····· (5)
R1
R4
To drive the motor by constant speed as follows.
RL + RON + R5 =
4 R3 R5
····· (6)
RL: Motor coil impedance
R4
RON: On resistance of the driver IC
R3, R4, and R5 are first set, and then R1 and R2 are set afterwards.
Table 4 External components
Parts
Default value
Parameter
Recommended condition
R1
22kΩ
IRT1
IRT1 < 1mA
R2 + R3
1kΩ + 1.5kΩ
VRT1
VRT1 x 4 < VB
R4
560Ω
IRT2
IRT2 < 1mA
R5
5.5Ω
VATC
VATC < 1V
C1
33pF
VPCT
Please confirm the motor
operation
C2
0.1µF
VPC
C3, C4
0.1µF
VM1, VM2
C5, C6
1~100µF
VCC, VB
●
Interfaces
Fig. 17 FIN, RIN
Fig.18 VCTL, RC, PCT
Fig.19 PC
Fig. 20 RT1, RT2
Fig.21 CS1, CS2
Fig.22 CS, TL
Fig.23 VB, ACT, M1,M2
(BA6950FS)
(BA6951FS)
FIN
RIN
24k
3.6k
10k
13.5k
10k
10k
VCTL
PCT
RC
1k
1k
20k
PC
1k
M2
M1
VB
ACT
RT1
1k
RT2
CS1
CS2
1k
1k
1k
CS
1k
TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com