Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2990CMSTRPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2990CMSTRPBF
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMSTRPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2990CMSTRPBF Datasheet HTML 10Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 11Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 12Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 13Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 14Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 15Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 16Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 17Page - Linear Technology LTC2990CMSTRPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2990

2990f
applicaTions inForMaTion
Figure 8. LTC2990 Serial Bus Repeated Read Byte Protocol
S
A
A S
W#
ADDRESS
COMMAND
A
0
0
1 0
DATA
b7:b0
0
10011a1:a0
ADDRESS
10011a1:a0
XXXXXb3:b0
1
2990 F07
P
A#
R
Figure 7. LTC2990 Serial Bus Read Byte Protocol
S
A
A S
W#
ADDRESS
COMMAND
A
0
0
1 0
A
0
DATA
b7:b0
0
10011a1:a0
ADDRESS
10011a1:a0
XXXXXb3:b0
1
2990 F08
P
A#
DATA
b7:b0
R
Table 2. LTC2990 Register Address and Contents
REGISTER ADDRESS*†
REGISTER NAME
READ/WRITE
DESCRIPTION
00h
STATUS
R
Indicates BUSY State, Conversion Status
01h
CONTROL
R/W
Controls Mode, Single/Repeat, Celsius/Kelvin
02h
TRIGGER**
R/W
Triggers an Conversion
03h
N/A
Unused Address
04h
TINT (MSB)
R
Internal Temperature MSB
05h
TINT (LSB)
R
Internal Temperature LSB
06h
V1 (MSB)
R
V1, V1 – V2 or TR1 MSB
07h
V1 (LSB)
R
V1, V1 – V2 or TR1 LSB
08h
V2 (MSB)
R
V2, V1 – V2 or TR1 MSB
09h
V2 (LSB)
R
V2, V1 – V2 or TR1 LSB
0Ah
V3 (MSB)
R
V3, V3 – V4 or TR2 MSB
0Bh
V3 (LSB)
R
V3, V3 – V4 or TR2 LSB
0Ch
V4 (MSB)
R
V4, V3 – V4 or TR2 MSB
0Dh
V4 (LSB)
R
V4, V3 – V4 or TR2 LSB
0Eh
VCC (MSB)
R
VCC MSB
0Fh
VCC (LSB)
R
VCC LSB
*Register Address MSBs b7-b4 are ignored.
**Writing any value triggers a conversion. Data Returned reading this register address is the Status register.
†Power-on reset sets all registers to 00h.
Table 1. I2C Base Address
HEX I2C BASE ADDRESS
BINARY I2C BASE ADDRESS
ADR1
ADR0
98h
1001 100X*
0
0
9Ah
1001 101X*
0
1
9Ch
1001 110X*
1
0
9Eh
1001 111X*
1
1
*X = R/W Bit
S
A
A DATA
W#
ADDRESS
COMMAND
A
0
0 b7:b0
DATA
b7:b0
0
10011a1:a0
XXXXXb3:b0
0
0
2990 F06
P
A
Figure 6. LTC2990 Serial Bus Repeated Write Byte Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com